Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

RIC7113A4 Arkusz danych(PDF) 3 Page - International Rectifier

Numer części RIC7113A4
Szczegółowy opis  RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

RIC7113A4 Arkusz danych(HTML) 3 Page - International Rectifier

  RIC7113A4 Datasheet HTML 1Page - International Rectifier RIC7113A4 Datasheet HTML 2Page - International Rectifier RIC7113A4 Datasheet HTML 3Page - International Rectifier RIC7113A4 Datasheet HTML 4Page - International Rectifier RIC7113A4 Datasheet HTML 5Page - International Rectifier RIC7113A4 Datasheet HTML 6Page - International Rectifier RIC7113A4 Datasheet HTML 7Page - International Rectifier RIC7113A4 Datasheet HTML 8Page - International Rectifier RIC7113A4 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RIC7113A4
www.irf.com
3
Tj = 25°C
Tj =
-55 to 125°C
Symbol
Parameter
Min.
Typ.
Min.
Max.
Units
Test Conditions
VIH
Logic “1” Input Voltage
3.1
3.3
VDD = 5V
6.4
6.8
VDD = 10V
9.5
10
V
VDD = 15V
12.5
13.3
VDD = 20V
VIL
Logic “0” Input Voltage
1.8
1.7
VDD = 5V
3.8
3.6
VDD = 10V
6.0
5.7
V
VDD = 15V
8.3
7.9
VDD = 20V
VOH
High Level Output Voltage, VBIAS -VO
1.2
1.5
VIN =VIH, IO = 0A
VOL
Low Level Output Voltage, VO
0.1
0.1
VIN =VIH, IO = 0A
ILK
Offset Supply Leakage Current
50
250
VB = VS = 400V
IQBS
Quiescent VBS Supply Current
230
500
µA
VIN =0V or VDD
IQCC
Quiescent VCC Supply Current
340
600
VIN =0V, or VDD
IQDD
Quiescent VDD Supply Current
30
60
VIN =0V, or VDD
IIN+
Logic “1” Input Bias Current
40
70
VIN = VDD
IIN-
Logic “0” Input Bias Current
1.0
10
VIN = 0V
VBSUV+
VBS Supply Undervoltage Positive
7.5
9.7
Going Threshold
VBSUV-
VBS Supply Undervoltage Negative
7.0
9.4
Going Threshold
VCCUV+
VCC Supply Undervoltage Positive
7.4
9.6
V
Going Threshold
VCCUV-
VCC Supply Undervoltage Negative
7.0
9.4
Going Threshold
IO+
Output High Short Circuit Pulsed
2.0
VO = 0V, VIN = VDD
Current
A
PW < 10 µs
IO-
Output Low Short Circuit Pulsed
2.0
VO = 15V, VIN = 0V
Current
PW < 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS, VDD) = 15V, unless otherwise specified. The VIN, VTH and IIN parameters are refer-
enced to VSS and are applicable to all three logic input pins: HIN, LIN and SD. The VO and IO parameters
are referenced to COM or VS and are applicable to the respective output pins: HO or LO.
Pre-Irradiation


Podobny numer części - RIC7113A4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
RIC7113A4 IRF-RIC7113A4 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
More results

Podobny opis - RIC7113A4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
RIC7113E4 IRF-RIC7113E4 Datasheet
168Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113E4 IRF-RIC7S113E4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113E4 IRF-RIC7113E4_15 Datasheet
227Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113A4 IRF-RIC7S113A4_15 Datasheet
239Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7S113L4 IRF-RIC7S113L4_15 Datasheet
226Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113A4 IRF-RIC7113A4_15 Datasheet
223Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4 Datasheet
155Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
RIC7113L4 IRF-RIC7113L4_15 Datasheet
215Kb / 9P
   RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
logo
Renesas Technology Corp
ISL70040SEH RENESAS-ISL70040SEH Datasheet
1Mb / 20P
   Radiation Hardened Low-Side GaN FET Driver
Jul 30, 2021
logo
Diodes Incorporated
DGD2012 DIODES-DGD2012 Datasheet
497Kb / 11P
   HIGH-SIDE AND LOW-SIDE GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com