Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

PD160F40 Arkusz danych(PDF) 1 Page - SanRex Corporation

Numer części PD160F40
Szczegółowy opis  THYRISTOR MODULE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANREX [SanRex Corporation]
Strona internetowa  http://www.sanrex.com
Logo SANREX - SanRex Corporation

PD160F40 Arkusz danych(HTML) 1 Page - SanRex Corporation

  PD160F40 Datasheet HTML 1Page - SanRex Corporation PD160F40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SanRex 50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
PK(PD,PE,KK)160F
THYRISTOR MODULE
UL:E76102
(M)
92
12
18
M8×14
♯110TAB
(2.8.0.5T)
80±0.3
2
26
26
7
4-φ6(M5)
R8.0
Unit
A
Symbol
Item
Conditions
Ratings
160
Unit
IT(AV),IF(AV)
*Average On-State Current
IT(RMS),IF(RMS)
*R.M.S. On-State Current
Single phase, half wave, 180
°conduction, Tc:87℃
Single phase, half wave, 180
°conduction, Tc:87℃
ITSM,IFSM
*Surge On-State Current
I2t
*I2t
PGM
Peak Gate Power Dissipation
PG(AV)
Average Gate Power Dissipation
IFGM
Peak Gate Current
VFGM
Peak Gate Voltage (Forward)
1
2cycle, 50Hz/60Hz, peak Value, non-repetitive
Value for one cycle of surge current
A
250
A
5000/5500
A
1.25
×105
10
A2S
W
3
VRGM
Peak Gate Voltage (Reverse)
di
/dt
Critical Rate of Rise of On-State Current
IG
=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
VISO
*Isolation Breakdown Voltage (R.M.S.)
Tj
*Operating Junction Temperature
Tstg
*Storage Temperature
Mounting
Torque
Mass
Mounting
(M5)
Terminal
(M8)
A.C.1minute
Recommended 1.5-2.5
(15-25)
Recommended 8.8-10
(90-105)
3
W
A
10
V
5
V
200
A/
μs
2500
V
−40 to +125
−40 to +125
2.7
(28)
11
(115)
510
N
・m
(㎏f・B)
g
Symbol
Item
Conditions
Ratings
50
Unit
IDRM
Repetitive Peak Off-State Current, max.
IRRM
*Repetitive Peak Reverse Current, max.
at VDRM, single phase, half wave, Tj
=125℃
at VDRM, single phase, half wave, Tj
=125℃
VTM
*Peak On-State Voltage, max.
IGT
/VGT
Gate Trigger Current/Voltage, max.
VGD
Non-Trigger Gate, Voltage. min.
tgt
Turn On Time, max.
dv
/dt
Critical Rate of Rise of Off-State Voltage, min.
IH
Holding Current, typ.
On-State Current 500A, Tj
=25℃ Inst. measurement
Tj
=25℃,IT=1A,VD=6V
mA
50
mA
1.42
V
100/3
Tj
=125℃,VD12VDRM
IT
=160A,IG=100mA,Tj=25℃,VD12VDRM,dIG/dt=0.1A/μs
0.25
mA/V
V
10
Tj
=125℃, VD23VDRM, Exponential wave.
Tj
=25℃
IL
Lutching Current, typ.
Rth
(j-c) *Thermal Impedance, max.
Tj
=25℃
Junction to case
500
μs
V/
μs
50
mA
100
mA
0.18
℃/W
■Electrical Characteristics
■Maximum Ratings
Symbol
Item
PK160F40
PD160F40
PE160F40
KK160F40
PK160F80
PD160F80
PE160F80
KK160F80
Ratings
PK160F120
PD160F120
PE160F120
KK160F120
PK160F160
PD160F160
PE160F160
KK160F160
Unit
VRRM
*Repetitive Peak Reverse Voltage
400
800
1200
1600
V
480
960
1300
1700
V
400
800
1200
1600
V
VRSM
VDRM
*Non-Repetitive Peak Reverse Voltage
Repetitive Peak Off-State Voltage
*mark:Thyristor and Diode part. No mark:Thyristor part
Power Thyristor/Diode Module PK160F series are designed for various rectifier circuits
and power controls. For your circuit application. following internal connections and wide
voltage ratings up to 1,600V are available. Two elements in a package and electrically
isolated mounting base make your mechanical design easy.
IT(AV)160A, IT(RMS) 250A, ITSM 5500A
di/dt 200 A/
μs
dv/dt 500V/
μs
(Applications)
Various rectifiers
AC/DC motor drives
Heater controls
Light dimmers
Static switches
K1
(A2)
(K2)
A1K2
G1
K2
G2
1
2
3
PK
K1
(A2)
(K2)
A1K2
K2
G2
1
2
3
PE
K1
(A2)
(K2)
A1K2
G1
K2
1
2
3
PD
K1
(A2)
(A1)
G1
K2
G2
1
2
1
KK


Podobny numer części - PD160F40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SanRex Corporation
PD160FG120 SANREX-PD160FG120 Datasheet
58Kb / 1P
   THYRISTOR/DIODE(ISOLATED TYPE)
PD160FG160 SANREX-PD160FG160 Datasheet
58Kb / 1P
   THYRISTOR/DIODE(ISOLATED TYPE)
PD160FG40 SANREX-PD160FG40 Datasheet
58Kb / 1P
   THYRISTOR/DIODE(ISOLATED TYPE)
PD160FG80 SANREX-PD160FG80 Datasheet
58Kb / 1P
   THYRISTOR/DIODE(ISOLATED TYPE)
More results

Podobny opis - PD160F40

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SEMPO ELECTRONIC Limite...
SMTT-500I SEMPO-SMTT-500I Datasheet
353Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-300 SEMPO-SMTT-300 Datasheet
46Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-250H SEMPO-SMTT-250H Datasheet
105Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90I SEMPO-SMTT-90I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-90H SEMPO-SMTT-90H Datasheet
43Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-70I SEMPO-SMTT-70I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTT-50I SEMPO-SMTT-50I Datasheet
51Kb / 1P
   THYRISTOR-THYRISTOR MODULE
SMTD-800I SEMPO-SMTD-800I Datasheet
81Kb / 1P
   THYRISTOR-THYRISTOR MODULE
logo
Naina Semiconductor ltd...
160NTT NAINA-160NTT Datasheet
117Kb / 2P
   Thyristor - Thyristor Module
70NTT NAINA-70NTT Datasheet
125Kb / 2P
   Thyristor - Thyristor Module
logo
SEMPO ELECTRONIC Limite...
SMTT-160I SEMPO-SMTT-160I Datasheet
61Kb / 1P
   THYRISTOR-THYRISTOR MODULE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com