Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KFW4G1612M-DED5 Arkusz danych(PDF) 9 Page - Samsung semiconductor

Numer części KFW4G1612M-DED5
Szczegółowy opis  FLASH MEMORY(54MHz)
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KFW4G1612M-DED5 Arkusz danych(HTML) 9 Page - Samsung semiconductor

Back Button KFW4G1612M-DED5 Datasheet HTML 5Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 6Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 7Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 8Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 9Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 10Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 11Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 12Page - Samsung semiconductor KFW4G1612M-DED5 Datasheet HTML 13Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 125 page
background image
OneNAND1G(KFG1G16Q2M-DEB5)
FLASH MEMORY
9
OneNAND2G(KFH2G16Q2M-DEB5)
OneNAND4G(KFW4G16Q2M-DEB5)
2.1
Detailed Product Description
The OneNAND is an advanced generation, high-performance NAND-based Flash memory.
It integrates on-chip a single-level-cell (SLC) NAND Flash Array memory with two independent data buffers, boot RAM buffer, a page
buffer for the Flash array, and a one-time-programmable block.
The combination of these memory areas enable high-speed pipelining of reads from host
, BufferRAM, Page Buffer, and NAND Flash
Array.
Clock speeds up to 54MHz with a x16 wide I/O yields a 68MByte/second bandwidth.
The OneNAND also includes a Boot RAM and boot loader. This enables the device to efficiently load boot code at device startup from
the NAND Array without the need for off-chip boot device.
One block of the NAND Array is set aside as an OTP memory area. This area, available to the user, can be configured and locked
with secured user information.
On-chip controller interfaces enable the device to operate in systems without NAND Host controllers.
2.0
DEVICE DESCRIPTION


Podobny numer części - KFW4G1612M-DED5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KFW4G16Q2M SAMSUNG-KFW4G16Q2M Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
KFW4G16Q2M-DEB6 SAMSUNG-KFW4G16Q2M-DEB6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
KFW4G16Q2M-DED6 SAMSUNG-KFW4G16Q2M-DED6 Datasheet
1Mb / 125P
   FLASH MEMORY(66MHz)
More results

Podobny opis - KFW4G1612M-DED5

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
K9XXG08UXB SAMSUNG-K9XXG08UXB Datasheet
564Kb / 36P
   FLASH MEMORY
KFM1216Q2M SAMSUNG-KFM1216Q2M Datasheet
1Mb / 88P
   FLASH MEMORY
K9F1208U0C SAMSUNG-K9F1208U0C Datasheet
685Kb / 38P
   FLASH MEMORY
logo
Micron Technology
MT28F004B5 MICRON-MT28F004B5 Datasheet
376Kb / 32P
   FLASH MEMORY
MT28F320A18 MICRON-MT28F320A18 Datasheet
558Kb / 37P
   FLASH MEMORY
MT28F008B3 MICRON-MT28F008B3 Datasheet
416Kb / 30P
   FLASH MEMORY
MT28F002B5 MICRON-MT28F002B5 Datasheet
575Kb / 31P
   FLASH MEMORY
logo
Samsung semiconductor
KFG1216Q2A SAMSUNG-KFG1216Q2A Datasheet
1Mb / 114P
   FLASH MEMORY
logo
SPANSION
MBM29F800TA SPANSION-MBM29F800TA Datasheet
596Kb / 49P
   FLASH MEMORY
logo
Samsung semiconductor
K9F2G08UXA SAMSUNG-K9F2G08UXA Datasheet
999Kb / 44P
   FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com