Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1302BHPVUA Arkusz danych(PDF) 5 Page - Microchip Technology

Numer części TC1302BHPVUA
Szczegółowy opis  LOW QUIESCENT CURRENT DUAL OUTPUT LDO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1302BHPVUA Arkusz danych(HTML) 5 Page - Microchip Technology

  TC1302BHPVUA Datasheet HTML 1Page - Microchip Technology TC1302BHPVUA Datasheet HTML 2Page - Microchip Technology TC1302BHPVUA Datasheet HTML 3Page - Microchip Technology TC1302BHPVUA Datasheet HTML 4Page - Microchip Technology TC1302BHPVUA Datasheet HTML 5Page - Microchip Technology TC1302BHPVUA Datasheet HTML 6Page - Microchip Technology TC1302BHPVUA Datasheet HTML 7Page - Microchip Technology TC1302BHPVUA Datasheet HTML 8Page - Microchip Technology TC1302BHPVUA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21333B-page 5
TC1302A/B
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = VR +1V, IOUT1 = IOUT2 = 100 µA, CIN = 4.7 µF, COUT1 = COUT2 = 1 µF (X5R or X7R),
CBYPASS = 0 pF, SHDN1 = SHDN2 > VIH, TA = +25°C.
FIGURE 2-1:
Quiescent Current vs. Input
Voltage.
FIGURE 2-2:
SHDN Voltage Threshold
vs. Input Voltage.
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature.
FIGURE 2-4:
Output Voltage vs. Input
Voltage.
FIGURE 2-5:
Output Voltage vs. Input
Voltage.
FIGURE 2-6:
Dropout Voltage vs. Output
Current (VOUT1).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
50
100
150
200
250
300
350
2.73.0 3.33.6 3.94.2 4.54.8 5.15.4 5.76.0
Input Voltage (V)
VOUT2 SHDN
VOUT2 Active
TJ = +25°C
IOUT1 = IOUT2 = 0 µA
VOUT1 Active
TC1302B
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
ON
OFF
40
50
60
70
80
90
100
110
120
130
140
-40 -25 -10
5
20 35 50 65
80 95 110 125
Junction Temperature (°C)
VIN = 4.2V
IOUT1 = IOUT2 = 0 µA
VOUT1 Active
VOUT2 SHDN
VOUT2 Active
TC1302B
2.60
2.70
2.80
2.90
3.00
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
TJ = +25°C
IOUT1 = 100 mA
IOUT2 = 50 mA
VOUT1
VOUT2
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.7
3
3.3 3.6 3.9 4.2 4.5 4.8 5.1 5.4 5.7
6
Input Voltage (V)
TJ = +25°C
IOUT1 = 300 mA
IOUT2 = 100 mA
VOUT1
VOUT2
0.0
20.0
40.0
60.0
80.0
100.0
120.0
140.0
0
50
100
150
200
250
300
I
OUT1 (mA)
VR1 = 2.8V
VR2 = 2.6V
IOUT2 = 100 µA
TJ = - 40°C
TJ = +25°C
TJ = +125°C


Podobny numer części - TC1302BHPVUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1302BHPVMFTR MICROCHIP-TC1302BHPVMFTR Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
More results

Podobny opis - TC1302BHPVUA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1302A MICROCHIP-TC1302A_13 Datasheet
529Kb / 26P
   Low Quiescent Current Dual Output LDO
2003-2012 10/26/12
logo
Seaward Electronics Inc...
SE8803 SEAWARD-SE8803 Datasheet
547Kb / 7P
   Dual-Output Low Quiescent Current LDO
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
SHANGHAI BELLING CO., L...
BL9152 BELLING-BL9152 Datasheet
202Kb / 4P
   40V Input, 500mA Output Current, Low Dropout, Low Quiescent Current LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com