Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

VNH3ASP30TR-E Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części VNH3ASP30TR-E
Szczegółowy opis  AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH3ASP30TR-E Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button VNH3ASP30TR-E Datasheet HTML 4Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 5Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 6Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 7Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 8Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 9Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 10Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 11Page - STMicroelectronics VNH3ASP30TR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
VNH3ASP30-E
8/18
Figure 5. Typical Application Circuit For Dc To 20KHz PWM Operation
In case of a fault condition the DIAGX/ENX pin is consid-
ered as an output pin by the device.
The fault conditions are:
- overtemperature on one or both high sides (for example
if a short to ground occurs as it could be the case
described in line 1 and 2 in the table below);
- short to battery condition on the output (saturation
detection on the Low-Side Power MOSFET).
Possible origins of fault conditions may be:
OUTA is shorted to ground ---> overtemperature
detection on high side A.
OUTA is shorted to VCC ---> Low-Side Power MOSFET
saturation detection.
When a fault condition is detected, the user can know
which power element is in fault by monitoring the INA,
INB, DIAGA/ENA and DIAGB/ENB pins. In any case,
when a fault is detected, the faulty leg of the bridge is
latched off. To turn-on the respective output (OUTX)
again, the input signal must rise from low to high level.
Table 15. Truth Table In Fault Conditions (detected on OUTA)
M
µC
Reg 5V
+ 5V
HSA
HSB
LSA
LSB
VCC
DIAGA/ENA
CS
INA
PWM
OUTA
OUTB
D
S
G
b) N MOSFET
3.3K
1K
1K
1K
10K
33nF
1.5K
VCC
100K
INA
INB
DIAGA/ENA
DIAGB/ENB
OUTA
OUTB
CS
1
1
0
1
OPEN
H
High Imp.
1
0
0
1
OPEN
L
High Imp.
0
1
0
1
OPEN
H
IOUTB/K
0
0
0
1
OPEN
L
High Imp.
X
X
0
0
OPEN
OPEN
High Imp.
X
1
0
1
OPEN
H
IOUTB/K
X
0
0
1
OPEN
L
High Imp.
Fault Information
Protection Action


Podobny numer części - VNH3ASP30TR-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
1Mb / 22P
   for car body applications
More results

Podobny opis - VNH3ASP30TR-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
   Automotive fully integrated H-bridge motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com