Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1268-2.5VOA Arkusz danych(PDF) 3 Page - Microchip Technology

Numer części TC1268-2.5VOA
Szczegółowy opis  500mA Fixed Output, Fast Response CMOS LDO with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MICROCHIP [Microchip Technology]
Strona internetowa  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1268-2.5VOA Arkusz danych(HTML) 3 Page - Microchip Technology

  TC1268-2.5VOA Datasheet HTML 1Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 2Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 3Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 4Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 5Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 6Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 7Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 8Page - Microchip Technology TC1268-2.5VOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 2002 Microchip Technology Inc.
DS21379B-page 3
TC1268
TC1268 ELECTRICAL SPECIFICATIONS
(CONTINUED)
Electrical Characteristics: VIN =VOUT +1V, IL =100µA, CL =3.3µF, SHDN >VIH,TA = 25°C, unless otherwise noted. Boldface
type specifications apply for junction temperatures of -40°C to +125°C.
ERROR Output
VMIN
Minimum Operating Voltage
1.0
V
VOL
Output Logic Low Voltage
400
mV
1 mA Flows to ERROR
VTH
ERROR Threshold Voltage
0.95 x VR
—V
Note 1:
VR is the regulator output voltage setting.
2:
3:
Regulation is measured at a constant junction temperature using low duty cycle pulse testing. Load regulation is tested over a load range from
0.1mA to the maximum specified output current. Changes in output voltage due to heating effects are covered by the thermal regulation
specification.
4:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal value measured at a 1V
differential.
5:
Thermal Regulation is defined as the change in output voltage at a time T after a change in power dissipation is applied, excluding load or
line regulation effects. Specifications are for a current pulse equal to ILMAX at VIN = 6V for T = 10 msec.
6:
The maximum allowable power dissipation is a function of ambient temperature, the maximum allowable junction temperature and the
thermal resistance from junction-to-air (i.e., TA,TJ, θJA). Exceeding the maximum allowable power dissipation causes the device to initiate
thermal shutdown. Please see Section 4.0 Thermal Considerations for more details.
7:
Hysteresis voltage is referenced to VR.
8:
The minimum VIN has to justify the conditions: VIN ≥ VR +VDROPOUT and VIN ≥ 2.7V for IL = 0.1mA to IOUTMAX.
TC VOUT =(VOUTMAX –VOUTMIN)x 10
6
VOUT x ∆T


Podobny numer części - TC1268-2.5VOA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC126 MICROCHIP-TC126 Datasheet
459Kb / 12P
   PFM Step-Up DC/DC Regulators
2002
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262 Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
More results

Podobny opis - TC1268-2.5VOA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
TC1263 MICROCHIP-TC1263 Datasheet
486Kb / 14P
   500mA Fixed Output CMOS LDO with Shutdown
2002
TC1262-3.3VDBTR MICROCHIP-TC1262-3.3VDBTR Datasheet
468Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-33VAB MICROCHIP-TC1262-33VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262-25VAB MICROCHIP-TC1262-25VAB Datasheet
451Kb / 12P
   500mA Fixed Output CMOS LDO
05/01/02
TC1262 MICROCHIP-TC1262_13 Datasheet
231Kb / 14P
   500mA Fixed Output CMOS LDO
2002-2012 11/27/12
TC1262 MICROCHIP-TC1262 Datasheet
461Kb / 12P
   500mA Fixed Output CMOS LDO
2002
TC1263 MICROCHIP-TC1263_13 Datasheet
312Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2002-2012 11/27/12
TC1265 MICROCHIP-TC1265 Datasheet
262Kb / 16P
   800 mA Fixed-Output CMOS LDO with Shutdown
2004
TC1265 MICROCHIP-TC1265_06 Datasheet
860Kb / 18P
   800 mA Fixed-Output CMOS LDO with Shutdown
2006
TC1263 MICROCHIP-TC1263_05 Datasheet
285Kb / 18P
   500 mA, Fixed-Output, CMOS LDO with Shutdown
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com