Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797J Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP797J
Szczegółowy opis  TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP797J Datasheet HTML 1Page - Toshiba Semiconductor TLP797J Datasheet HTML 2Page - Toshiba Semiconductor TLP797J Datasheet HTML 3Page - Toshiba Semiconductor TLP797J Datasheet HTML 4Page - Toshiba Semiconductor TLP797J Datasheet HTML 5Page - Toshiba Semiconductor TLP797J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP797J
AMBIENT TEMPERATURE Ta(℃)
I
- Ta
F
-20
0
20
40
60
80
100 120
0
20
40
60
80
100
AMBIENT TEMPERATURE Ta(℃)
I
- Ta
ON
A,B CONNECTION
C CONNECTION
-20
0
20
40
60
80
100 120
0
50
100
150
200
250
300
FORWARD VOLTAGE V(V)
I
- V
F
F
F
Ta=25℃
0.6
0.8
1
1.2
1.4
1.6
1.8
0.1
1
10
100
0.3
0.5
3
5
50
30
ON-STATE VOLTAGE V
(V)
I
- V
ON
Ta=25℃,I =10mA
A CONNECTION
F
ON
ON
-3
-2
-1
0
1
2
3
-120
-80
-40
0
40
80
120
AMBIENT TEMPERATURE Ta(℃)
R
- Ta
ON
I
=100mA
I =10mA
A CONNECTION
F
ON
-40
-20
0
20406080
10
0
10
20
30
40
50
0
AMBIENT TEMPERATURE Ta(℃)
IFT - Ta
I =100mA
ON
-40
-20
0
20406080
10
0
1
2
3
4
5
0
2001-08-20
4/6


Podobny numer części - TLP797J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_07 Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results

Podobny opis - TLP797J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G_07 Datasheet
162Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com