Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP797J Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP797J
Szczegółowy opis  TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP797J Datasheet HTML 1Page - Toshiba Semiconductor TLP797J Datasheet HTML 2Page - Toshiba Semiconductor TLP797J Datasheet HTML 3Page - Toshiba Semiconductor TLP797J Datasheet HTML 4Page - Toshiba Semiconductor TLP797J Datasheet HTML 5Page - Toshiba Semiconductor TLP797J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TLP797J
INDIVIDUAL ELECTRICAL CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF = 10 mA
1.0
1.15
1.3
V
Reverse Current
IR
VR = 5 V
10
µA
Capacitance
CT
V
= 0, f = 1 MHz
30
pF
Off-State Current
IOFF
VOFF = 600 V
1
µA
Capacitance
COFF
V
= 0, f = 1 MHz
120
pF
COUPLED ELECTRICAL CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Trigger LED Current
IFT
ION = 100 mA
1.6
5
mA
Return LED Current
IFC
IOFF = 100 µA
0.1
mA
ION = 100 mA, IF = 10 mA, t < 1 s
25
35
A Connection
ION = 100 mA, IF = 10 mA
30
45
B Connection
ION = 100 mA, IF = 10 mA
23
35
On-State
Resistance
C Connection
RON
ION = 200 mA, IF = 10 mA
12
ISOLATION CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Capacitance Input to Output
CS
VS = 0 V, f = 1 MHz
0.8
pF
Isolation Resistance
RS
VS = 500 V, R.H. <
= 60%
5
× 1010
10
14
AC, 1 minute
5000
AC, 1 second (in oil)
10000
Vrms
Isolation Voltage
BVS
DC, 1 minute (in oil)
10000
Vdc
SWITCHING CHARACTERISTICS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Turn-on Time
tON
0.2
1.5
Turn-off Time
tOFF
RL = 200
(NOTE 2)
VDD = 20 V, IF = 10 mA
0.2
1
ms
(NOTE 2) : SWITCHING TIME TEST CIRCUIT
VOUT
IF
tON
tOFF
90%
10%
6
RL
VDD
VOUT
4
1
2
IF
2001-08-20
3/6


Podobny numer części - TLP797J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_07 Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results

Podobny opis - TLP797J

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G_07 Datasheet
162Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com