Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LVX3L383QSCX Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części 74LVX3L383QSCX
Szczegółowy opis  10-Bit Low Power Bus-Exchange Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

74LVX3L383QSCX Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  74LVX3L383QSCX Datasheet HTML 1Page - National Semiconductor (TI) 74LVX3L383QSCX Datasheet HTML 2Page - National Semiconductor (TI) 74LVX3L383QSCX Datasheet HTML 3Page - National Semiconductor (TI) 74LVX3L383QSCX Datasheet HTML 4Page - National Semiconductor (TI) 74LVX3L383QSCX Datasheet HTML 5Page - National Semiconductor (TI) 74LVX3L383QSCX Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF11652
December 1996
74LVX3L383
10-Bit Low Power Bus-Exchange Switch
General Description
The LVX3L383 provides two sets of high-speed CMOS TTL-
compatible bus switches The low on resistance of the
switch allows inputs to be connected to outputs without
adding propagation delay or generating additional ground
bounce noise The device operates as a 10-bit bus switch or
a 5-bit bus exchanger The bus exchange (BX) signal pro-
vides nibble swapping of the AB and CD pairs of signals
This exchange configuration allows byte swapping of buses
in systems It can also be used as a quad 2-to-1 multiplexer
and to create low delay barrel shifters The bus enable (BE)
signal turns the switches on
Features
Y
5X switch connection between two ports
Y
Zero propagation delay
Y
Ultra low power with 02 mA typical ICC
Y
Zero ground bounce in flow-through mode
Y
Control inputs compatible with TTL level
Y
Available in SOIC TSSOP and QSOP (SSOP 015
body width) packages
Logic Diagram
TLF11652 – 1
Truth Table
BE
BX
A0–A4
B0–B4
Function
H
X
High-Z State
High-Z State
Disconnect
LL
C0–C4
D0–D4
Connect
LH
D0–D4
C0–C4
Exchange
Connection Diagram
Pin Assignment for
SOIC QSOP and TSSOP
TLF11652 – 2
Pin Names
Description
BE
Bus Switch Enable
BX
Bus Exchange
A0–A4 B0–B4
Buses A B
C0–C4 D0–D4
Buses C D
SOIC JEDEC
QSOP
TSSOP
Order Number
74LVX3L383WM
74LVX3L383QSC
74LVX3L383MTC
74LVX3L383WMX
74LVX3L383QSCX
74LVX3L383MTCX
See NS
M24B
MQA24
MTC24
Package Number
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M17Printed in U S A
http
www nationalcom


Podobny numer części - 74LVX3L383QSCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
74LVX3L384 NSC-74LVX3L384 Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTC NSC-74LVX3L384MTC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384MTCX NSC-74LVX3L384MTCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSC NSC-74LVX3L384QSC Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
74LVX3L384QSCX NSC-74LVX3L384QSCX Datasheet
127Kb / 6P
   10-Bit Low Power Bus Switch
More results

Podobny opis - 74LVX3L383QSCX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FST3383 FAIRCHILD-FST3383 Datasheet
50Kb / 5P
   10-Bit Low Power Bus-Exchange Switch
logo
National Semiconductor ...
54LVX3383 NSC-54LVX3383 Datasheet
87Kb / 6P
   10-Bit Low Power Bus-Exchange Switch
logo
Texas Instruments
SN74CBT3383 TI1-SN74CBT3383_16 Datasheet
1Mb / 26P
[Old version datasheet]   10-Bit Bus-Exchange Switch
logo
Integrated Device Techn...
IDT74CBTLV3383 IDT-IDT74CBTLV3383 Datasheet
72Kb / 5P
   LOW-VOLTAGE 10-BIT BUS-EXCHANGE SWITCH
logo
ON Semiconductor
74FST3383 ONSEMI-74FST3383 Datasheet
95Kb / 8P
   10-Bit Low Power Bus Exchange
January, 2005 ??Rev. 5
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDTQS3L383 IDT-IDTQS3L383_99 Datasheet
44Kb / 5P
   QUICKSWITCH짰 PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
IDTQS3L383 IDT-IDTQS3L383 Datasheet
57Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED LOW POWER 10-BIT BUS EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com