Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-321 Arkusz danych(PDF) 6 Page - List of Unclassifed Manufacturers

Numer części ADC-321
Szczegółowy opis  8-Bit, 50MHz Video A/D Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ADC-321 Arkusz danych(HTML) 6 Page - List of Unclassifed Manufacturers

  ADC-321 Datasheet HTML 1Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 2Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 3Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 4Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 5Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 6Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 7Page - List of Unclassifed Manufacturers ADC-321 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ADC-321
6
®
®
1
8
9
16
32
25
24
17
A/D CLOCK
ANALOG IN
10pF
33
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
+5V (D)
1
8
9
16
32
25
24
17
A/D CLOCK
ANALOG
IN
10pF
33
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
+5V (D)
VRB
10µF
+5V (A)
20k
0.01µF
CLAMP
PULSE
VRT
1
8
9
16
32
25
24
17
A/D CLOCK
ANALOG
IN
10pF
33
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
+5V (D)
10µF
+5V (A)
20k
CLAMP
PULSE
0.01µF
1
8
9
16
32
25
24
17
A/D CLOCK
ANALOG
IN
10pF
33
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
+5V (D)
D/A
Clamp
Level
Data
10µF
0.01µF
1
8
9
16
32
25
24
17
A/D CLOCK
ANALOG IN
10pF
33
+5V (A)
7
6
5
4
3
2
15
14
13
12
11
10
18
19
20
21
22
23
26
27
28
29
30
31
10µF
CLAMP PULSE
+3.3V (D)
20k
+5V (A)
0.01µF
Figure 4-1. Clamp Not Used in Self Bias Mode
Figure 4-3. Clamp Used in Self Bias Mode
Figure 4-4. Digital Clamp Used in Self Bias Mode
Figure 4-5. Clamp Used in Self Bias Mode With +5V/+3.3V Dual Power Supply
Figure 4-2. Clamp Used in External Reference Mode


Podobny numer części - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
More results

Podobny opis - ADC-321

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Murata Power Solutions ...
ADC-321 MURATA-PS-ADC-321 Datasheet
331Kb / 8P
   8-Bit, 50MHz Video A/D Converter
logo
Analog Devices
AD9048 AD-AD9048 Datasheet
109Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. C
logo
List of Unclassifed Man...
AH8308EC ETC1-AH8308EC Datasheet
209Kb / 3P
   8-Bit RGB video d/a converter
logo
Murata Power Solutions ...
ADC-301 MURATA-PS-ADC-301 Datasheet
1Mb / 4P
   8-Bit Video Flash A/D Converter
logo
List of Unclassifed Man...
AH8308E ETC1-AH8308E Datasheet
674Kb / 8P
   8-bit composite video d/a converter
logo
Analog Devices
AD9048TQ-883B AD-AD9048TQ-883B Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
AD9048 AD-AD9048_15 Datasheet
263Kb / 8P
   Monolithic 8-Bit Video A/D Converter
REV. F
logo
Sony Corporation
CXD1175AM SONY-CXD1175AM Datasheet
302Kb / 20P
   8-bit 20MSPS Video A/D Converter (CMOS)
logo
Intersil Corporation
HI1179 INTERSIL-HI1179 Datasheet
117Kb / 14P
   8-Bit, 35 MSPS, Video A/D Converter
August 1997
logo
Fujitsu Component Limit...
MB40578 FUJITSU-MB40578 Datasheet
60Kb / 10P
   1 CHANNEL 8-BIT VIDEO A/D CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com