Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CA3018A Arkusz danych(PDF) 3 Page - Harris Corporation

Numer części CA3018A
Szczegółowy opis  General Purpose Transistor Arrays
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HARRIS [Harris Corporation]
Strona internetowa  http://www.harris.com
Logo HARRIS - Harris Corporation

CA3018A Arkusz danych(HTML) 3 Page - Harris Corporation

  CA3018A Datasheet HTML 1Page - Harris Corporation CA3018A Datasheet HTML 2Page - Harris Corporation CA3018A Datasheet HTML 3Page - Harris Corporation CA3018A Datasheet HTML 4Page - Harris Corporation CA3018A Datasheet HTML 5Page - Harris Corporation CA3018A Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
Base (Q3)-to-Emitter (Q4) Voltage Dar-
lington Pair (Figure 8)
VBED (V9-1)VCE = 3V
IE = 10mA
-
1.46
-
-
1.46
1.60
V
IE = 1mA
-
1.32
-
1.10
1.32
1.50
V
Temperature Coefficient: Base-to-Emitter
Voltage Darlington Pair (Q3 and Q4)
(Figure 9)
VCE = 3V, IE = 1mA
-
4.4
-
-
4.4
-
mV/oC
Temperature Coefficient: Magnitude
of Input Offset Voltage
VCC = 6V, VEE = -6V,
IC1 = IC2 = 1mA
-10-
-10-
µV/oC
DYNAMIC CHARACTERISTICS
Low Frequency Noise Figure
(Figures 10 - 12)
NF
f = 1kHz, VCE = 3V,
IC = 100µA, Source
Resistance = 1k
-
3.25
-
-
3.25
-
dB
Low Frequency, Small Signal Equivalent
Circuit Characteristics
Forward Current Transfer Ratio
(Figure 13)
hFE
f = 1kHz, VCE = 3V,
IC = 1mA
-
110
-
-
110
-
-
Short Circuit Input Impedance
(Figure 13)
hIE
f = 1kHz, VCE = 3V,
IC = 1mA
-
3.5
-
-
3.5
-
k
Open Circuit Output Impedance
(Figure 13)
hOE
f = 1kHz, VCE = 3V,
IC = 1mA
-
15.6
-
-
15.6
-
µS
Open Circuit Reverse Voltage
Transfer Ratio (Figure 13)
hRE
f = 1kHz, VCE = 3V,
IC = 1mA
-
1.8 x
10-4
-
-
1.8 x
10-4
--
Admittance Characteristics
Forward Transfer Admittance
(Figure 14)
YFE
f = 1MHz, VCE = 3V,
IC = 1mA
-
31 -
j1.5
-
-
31 -
j1.5
-mS
Input Admittance (Figure 15)
YIE
f = 1MHz, VCE = 3V,
IC = 1mA
-
0.3 +
j0.04
-
-
0.3 +
j0.04
-mS
Output Admittance (Figure 16)
YOE
f = 1MHz, VCE = 3V,
IC = 1mA
-
0.001
+ j0.03
-
-
0.001
+ j0.03
-mS
Reverse Transfer Admittance
(Figure 17)
YRE
f = 1MHz, VCE = 3V,
IC = 1mA
See Figure 17
mS
Gain Bandwidth Product (Figure 18)
fT
VCE = 3V, IC = 3mA
300
500
-
300
500
-
MHz
Emitter-to-Base Capacitance
CEB
VEB = 3V, IE = 0
-
0.6
-
-
0.6
-
pF
Collector-to-Base Capacitance
CCB
VCB = 3V, IC = 0
-
0.58
-
-
0.58
-
pF
Collector-to-Substrate Capacitance
CCI
VCI = 3V, IC = 0
-
2.8
-
-
2.8
-
pF
NOTE:
3. Actual forcing current is via the emitter for this test.
Electrical Specifications
TA = 25
oC (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
CA3018
CA3018A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
∆V
BED
∆T
----------------------
V
BE1
V
BE2
∆T
-------------------------------------
CA3018, CA3018A


Podobny numer części - CA3018A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GE Solid State
CA3018A GESS-CA3018A Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
More results

Podobny opis - CA3018A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GE Solid State
CA3018 GESS-CA3018 Datasheet
274Kb / 6P
   GENERAL PURPOSE TRANSISTOR ARRAYS
logo
Intersil Corporation
CA3045 INTERSIL-CA3045 Datasheet
53Kb / 6P
   General Purpose NPN Transistor Arrays
September 1998
CA3081 INTERSIL-CA3081_01 Datasheet
150Kb / 6P
   General Purpose High Current NPN Transistor Arrays
CA3081 INTERSIL-CA3081 Datasheet
66Kb / 6P
   General Purpose High Current NPN Transistor Arrays
November 1999
logo
List of Unclassifed Man...
CA3250 ETC-CA3250 Datasheet
113Kb / 3P
   GENERAL PURPOSE HIGH CURRENT NPN TRANSISTOR ARRAYS
logo
Littelfuse
SC1333-01ETG LITTELFUSE-SC1333-01ETG Datasheet
937Kb / 5P
   TVS Diode Arrays General Purpose ESD Protection
Revision: 11/24/20
SP1021-01WTG LITTELFUSE-SP1021-01WTG Datasheet
2Mb / 4P
   TVS Diode Arrays General Purpose ESD Protection
logo
Motorola, Inc
MC3346 MOTOROLA-MC3346 Datasheet
62Kb / 4P
   GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
   TRANSISTOR ARRAYS
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com