Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK1109 Arkusz danych(PDF) 1 Page - NEC

Numer części 2SK1109
Szczegółowy opis  N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NEC [NEC]
Strona internetowa  http://www.nec.com/
Logo NEC - NEC

2SK1109 Arkusz danych(HTML) 1 Page - NEC

  2SK1109 Datasheet HTML 1Page - NEC 2SK1109 Datasheet HTML 2Page - NEC 2SK1109 Datasheet HTML 3Page - NEC 2SK1109 Datasheet HTML 4Page - NEC 2SK1109 Datasheet HTML 5Page - NEC 2SK1109 Datasheet HTML 6Page - NEC 2SK1109 Datasheet HTML 7Page - NEC 2SK1109 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2002
JUNCTION FIELD EFFECT TRANSISTOR
2SK1109
N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR
FOR IMPEDANCE CONVERTER OF ECM
DATA SHEET
Document No. D15940EJ1V0DS00 (1st edition)
Date Published January 2002 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SK1109 is suitable for converter of ECM.
FEATURES
• Compact package
• High forward transfer admittance
1000
µS TYP. (IDSS = 100 µA)
1600
µS TYP. (IDSS = 200 µA)
• Includes diode and high resistance at G - S
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SK1109
SC-59 (MM)
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage
Note
VDSX
20
V
Gate to Drain Voltage
VGDO
–20
V
Drain Current
ID
10
mA
Gate Current
IG
10
mA
Total Power Dissipation
PT
80
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
–55 to +125
°C
Note VGS = –1.0 V
Remark
Please take care of ESD (Electro Static Discharge) when you handle the device in this document.
PACKAGE DRAWING (Unit: mm)
12
3
1.1
0.8
2.9 ± 0.2
1. Source
2. Drain
3. Gate
EQUIVALENT CIRCUIT
Source
Gate
Drain


Podobny numer części - 2SK1109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Guangdong Kexin Industr...
2SK1109 KEXIN-2SK1109 Datasheet
1,009Kb / 3P
   N-Channel Junction Field Effect Transistors
logo
NEC
2SK1109 NEC-2SK1109 Datasheet
39Kb / 2P
   Field Effect Transistor
logo
Renesas Technology Corp
2SK1109 RENESAS-2SK1109 Datasheet
178Kb / 10P
   JUNCTION FIELD EFFECT TRANSISTOR
2002
More results

Podobny opis - 2SK1109

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
2SK3230 NEC-2SK3230 Datasheet
50Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK2552B NEC-2SK2552B Datasheet
124Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3783 NEC-2SK3783 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3230B NEC-2SK3230B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3717 NEC-2SK3717 Datasheet
43Kb / 4P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3719 NEC-2SK3719 Datasheet
116Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
logo
Renesas Technology Corp
2SK2552 RENESAS-2SK2552 Datasheet
120Kb / 6P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
November 2004
logo
NEC
2SK3782 NEC-2SK3782 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK660 NEC-2SK660 Datasheet
38Kb / 8P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3653B NEC-2SK3653B Datasheet
123Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
2SK3718 NEC-2SK3718 Datasheet
111Kb / 5P
   N-CHANNEL SILICON JUNCTION FIELD EFFECT TRANSISTOR FOR IMPEDANCE CONVERTER OF ECM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com