Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES1371 Arkusz danych(PDF) 10 Page - List of Unclassifed Manufacturers

Numer części ES1371
Szczegółowy opis  ENSONIQ AudioPCI 97 digital controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

ES1371 Arkusz danych(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ES1371 Datasheet HTML 6Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 7Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 8Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 9Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 10Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 11Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 12Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 13Page - List of Unclassifed Manufacturers ES1371 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
ENSONIQ Proprietary Information
ENSONIQ Proprietary Information
ENSONIQ AudioPCI 97 Specification Rev 1.1
Oct 1, 1997
10
Status
Address 06H
Addressable as word
Power on reset value x610H
Configuration Space
Bit(s)
R/W
Name
Data Value
15
R
PARITY
Parity Error status bit.
0 - No Parity error.
1 - Parity error detected.
14
R
SERR#
SERR# PCI bus signal active status bit. This bit will be set if the
AudioPCI 97 ASIC is asserting the PCI SERR# signal.
0 - SERR# signal inactive.
1 - SERR# signal active.
13
R
MASTER-ABORT
Master Abort status bit. This bit will be set whenever a AudioPCI
97 ASIC bus mastering transaction has been terminated by a
Master-Abort.
12
R
TARGET-ABORT
Target Abort status bit. This bit will be set whenever a AudioPCI 97
ASIC bus mastering transaction has been terminated by a Target-
Abort.
11
R
ZERO
This status bit is not implemented and always reads back as zero.
10:9
R
DEVSEL#
DEVSEL# timing. These status bits encode the timing of the PCI
DEVSEL# signal. AudioPCI 97 implements the slow timing mode.
00 - Fast
01 - Medium
10 - Slow
11 - Reserved
8:5
R
ZERO
These status bits are not implemented and always read back as
zeros.
4
R
CAPABILITIES
Indicates support for ACPI. The AudioPCI 97 ASIC does support
ACPI so this bit is set to a one.
3:0
R
ZERO
These status bits are reserved and always read back as zeros.
Class Code & Revision ID
Address 08H
Addressable as long word
Power on reset value 04010000H
Configuration Space
Bit(s)
R/W
Name
Data Value
31:8
R
CLASS CODE
040100H (Multimedia Audio device)
7:0
R
REVISION ID
02H


Podobny numer części - ES1371

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
ES1301-7R POWER-ONE-ES1301-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
SeCoS Halbleitertechnol...
ES13M SECOS-ES13M Datasheet
87Kb / 2P
   1.0 Amp Surface Mount Efficient Fast Rectifiers
ES13M SECOS-ES13M Datasheet
213Kb / 2P
   50V ~ 600V 1.0 Amp Surface Mount Efficient Fast Rectifiers
More results

Podobny opis - ES1371

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cirrus Logic
CS4294 CIRRUS-CS4294 Datasheet
856Kb / 42P
   SoundFusion Audio/Docking Codec 97 (AMC 97)
CS4298 CIRRUS-CS4298 Datasheet
457Kb / 52P
   SoundFusion Audio/Modem Codec 97 (AMC 97)
logo
List of Unclassifed Man...
10-40450-18S ETC2-10-40450-18S Datasheet
45Kb / 1P
   97 series accessories
logo
Texas Instruments
DLPC410 TI1-DLPC410 Datasheet
1Mb / 63P
[Old version datasheet]   Digital Controller
logo
Omron Electronics LLC
E5AK OMRON-E5AK Datasheet
694Kb / 36P
   Digital Controller
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com