Zakładka z wyszukiwarką danych komponentów |
|
AD5382 Arkusz danych(PDF) 10 Page - Analog Devices |
|
AD5382 Arkusz danych(HTML) 10 Page - Analog Devices |
10 / 40 page AD5382 Rev. 0 | Page 10 of 40 I2C SERIAL INTERFACE Table 7. DVDD = 2.7 V to 5.5 V; AVDD = 4.5 V to 5.5 V or 2.7 V to 3.6 V; AGND = DGND = 0 V; all specifications TMIN to TMAX, unless otherwise noted Parameter1, 2 Limit at TMIN, TMAX Unit Description FSCL 400 kHz max SCL clock frequency t1 2.5 µs min SCL cycle time t2 0.6 µs min tHIGH, SCL high time t3 1.3 µs min tLOW, SCL low time t4 0.6 µs min tHD,STA, start/repeated start condition hold time t5 100 ns min tSU,DAT, data setup time t63 0.9 µs max tHD,DAT, data hold time 0 µs min tHD,DAT, data hold time t7 0.6 µs min tSU,STA, setup time for repeated start t8 0.6 µs min tSU,STO, stop condition setup time t9 1.3 µs min tBUF, bus free time between a STOP and a START condition t10 300 ns max tR, rise time of SCL and SDA when receiving 0 ns min tR, rise time of SCL and SDA when receiving (CMOS compatible) t11 300 ns max tF, fall time of SDA when transmitting 0 ns min tF, fall time of SDA when receiving (CMOS compatible) 300 ns max tF, fall time of SCL and SDA when receiving 20 + 0.1Cb 4 ns min tF, fall time of SCL and SDA when transmitting Cb 400 pF max Capacitive load for each bus line 1 Guaranteed by design and characterization, not production tested. 2 See Figure 6. 3 A master device must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal) in order to bridge the undefined region of SCL’s falling edge. 4 Cb is the total capacitance, in pF, of one bus line. tR and tF are measured between 0.3 DVDD and 0.7 DVDD. START CONDITION REPEATED START CONDITION STOP CONDITION t9 t3 t1 t11 t4 t10 t4 t5 t7 t6 t8 t2 SDA SCL Figure 6. I2C Compatible Serial Interface Timing Diagram |
Podobny numer części - AD5382 |
|
Podobny opis - AD5382 |