Zakładka z wyszukiwarką danych komponentów |
|
MC13191 Arkusz danych(PDF) 9 Page - Freescale Semiconductor, Inc |
|
MC13191 Arkusz danych(HTML) 9 Page - Freescale Semiconductor, Inc |
9 / 24 page Electrical Characteristics MC13191 Technical Data, Rev. 1.3 Freescale Semiconductor 9 5.4 AC Electrical Characteristics NOTE All AC parameters measured with SPI Registers at default settings except where noted and the following registers over-programmed: Register 08 = 0xFFF7 and Register 11 = 0x20FF Table 4. Receiver AC Electrical Characteristics (VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted. Parameters measured at connector J6 of evaluation circuit.) Characteristic Symbol Min Typ Max Unit Sensitivity for 1% Packet Error Rate (PER) (-40 to +85 °C) SENSper --92 - dBm Sensitivity for 1% Packet Error Rate (PER) (+25 °C) - -92 -82 dBm Saturation (maximum input level) SENSmax 010 - dBm Channel Rejection for 1% PER (desired signal -82 dBm) +5 MHz (adjacent channel) -5 MHz (adjacent channel) +10 MHz (alternate channel) -10 MHz (alternate channel) >= 15 MHz - - - - - 25 31 42 41 49 - - - - - dB dB dB dB dB Frequency Error Tolerance (total) - - 200 kHz Symbol Rate Error Tolerance - - 80 ppm Table 5. Transmitter AC Electrical Characteristics (VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted. Parameters measured at connector J5 of evaluation circuit.) Characteristic Symbol Min Typ Max Unit Power Spectral Density (-40 to +85 °C) Absolute limit - -47 - dBm Power Spectral Density (-40 to +85 °C) Relative limit - 47 - Nominal Output Power1 1 SPI Register 12 programmed to 0x00BC which sets output power to nominal (0 dBm typical). Pout -5 0 - dBm Maximum Output Power2 2 SPI Register 12 programmed to 0x00FC which sets output power to maximum. 4dBm Error Vector Magnitude EVM - 20 45 % Output Power Control Range (-27 dBm to +4 dBm typical) - 31 - dB Over the Air Data Rate - 250 - kbps Spurious Emissions - -56 -40 dBm 2nd Harmonic - -42 - dBc 3rd Harmonic - -44 - dBc |
Podobny numer części - MC13191 |
|
Podobny opis - MC13191 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |