Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1627A Arkusz danych(PDF) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1627A
Szczegółowy opis  SAW Filter 314 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1627A Arkusz danych(HTML) 4 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1627A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1627A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
4
TST DCC
Release document
Reflection Functions:
S11
S22


Podobny numer części - TA1627A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TA16205AD1 TRANSKO-TA16205AD1 Datasheet
623Kb / 4P
   162.51 MHz IF SAW Filter / 5.22 MHz Bandwidth
Revision 0: 12. Jan. 2012
TA16212AV TRANSKO-TA16212AV Datasheet
641Kb / 4P
   162.30 MHz IF SAW Filter / 12.65 MHz Bandwidth
Revision 0: 29. Sep. 2009
logo
TAI-SAW TECHNOLOGY CO.,...
TA1621A TAI-SAW-TA1621A Datasheet
147Kb / 7P
   SAW Filter 1579.5 MHz
TA1622A TAI-SAW-TA1622A Datasheet
170Kb / 7P
   SAW Filter 864 MHz
logo
Golledge Electronics Lt...
TA1622A GOLLEDGE-TA1622A Datasheet
93Kb / 4P
   SAW Filter 864.0MHz
More results

Podobny opis - TA1627A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TF0096A TAI-SAW-TF0096A Datasheet
292Kb / 8P
   Dual SAW Diplexer Filter 313.15/314 MHz
logo
API Technologies Corp
SF0240CD03109S APITECH-SF0240CD03109S Datasheet
154Kb / 3P
   240 MHz SAW Filter 240 MHz SAW Filter
SF0162BA03266S APITECH-SF0162BA03266S Datasheet
1Mb / 3P
   SAW Filter 162 MHz SAW Bandpass Filter, 0.06 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
   63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
   185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
SF0243BA03287S APITECH-SF0243BA03287S Datasheet
1Mb / 3P
   SAW Filter 243 MHz SAW Bandpass Filter, 0.1 MHz Bandwidth
logo
Integrated Circuit Syst...
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
   96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1163A TAI-SAW-TA1163A Datasheet
434Kb / 6P
   SAW Filter 914.5 MHz
TA1059A TAI-SAW-TA1059A Datasheet
367Kb / 8P
   SAW Filter 2477 MHz
TA1067A TAI-SAW-TA1067A Datasheet
430Kb / 8P
   SAW Filter 918 MHz
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com