Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1665A Arkusz danych(PDF) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1665A
Szczegółowy opis  SAW Filter 2655MHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1665A Arkusz danych(HTML) 2 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1665A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1665A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
2
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
SAW Filter 2655MHz
MODEL NO.:TA1665A
REV. NO.:1
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm
2. DC Voltage : 5V
3. Operating Temperature: -40°C to +85°C
Electrostatic Sensitive Device (ESD)
4. Storage Temperature: -40°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single-ended) :
Zs = 50 Ω
Terminating load impedance (single-ended) :
ZL = 50 Ω
Item
Unit
Min.
Typ.
Max. Note
Center Frequency
Fc
MHz
-
2655
-
-
Insertion Loss (2620~2690 MHz)
IL
dB
-
3
4.2
-
Amplitude ripple (2620~2690 MHz)
dB
-
1.5
2.4
-
Return Loss (2620~2690 MHz)
dB
7
10
-
-
Attenuation (Reference level from 0 dB)
DC~2500
MHz
dB
25
35
-
-
2800~3500
MHz
dB
27
42
-
-
3500~5000
MHz
dB
20
41
-
-
Temperature Coefficient of Frequency
ppm/℃
-
-36
-
-
RoHS Compliant
Lead free
Lead-free soldering


Podobny numer części - TA1665A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1661A TAI-SAW-TA1661A Datasheet
329Kb / 6P
   SAW Filter 1583MHz
TA1661A TAI-SAW-TA1661A Datasheet
7Mb / 8P
   Your Best Partner For Frequency Devices
logo
Golledge Electronics Lt...
TA1661A GOLLEDGE-TA1661A Datasheet
454Kb / 6P
   SAW Filter 1583.0MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1661B TAI-SAW-TA1661B Datasheet
710Kb / 7P
   SAW Filter 1583MHz
logo
Golledge Electronics Lt...
TA1661B GOLLEDGE-TA1661B Datasheet
263Kb / 6P
   SAW Filter 1583.0MHz
More results

Podobny opis - TA1665A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
MP03230 GOLLEDGE-MP03230 Datasheet
103Kb / 6P
   SAW Filter 2655MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1847A TAI-SAW-TA1847A Datasheet
684Kb / 10P
   SAW Filter 2655MHz 70MHz BW Band 7 Rx SMD 1.1횞0.9mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com