Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TA1690B Arkusz danych(PDF) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TA1690B
Szczegółowy opis  SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TA1690B Arkusz danych(HTML) 1 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TA1690B Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD. TA1690B Datasheet HTML 9Page - TAI-SAW TECHNOLOGY CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
FR-71S03-02
TST DCC
Release document
TAI-SAW TECHNOLOGY CO., LTD.
No. 3, Industrial 2nd Rd., Ping-Chen Industrial District,
Taoyuan, 324, Taiwan, R.O.C.
TEL: 886-3-4690038
FAX: 886-3-4697532
E-mail: tstsales@mail.taisaw.com
Web: www.taisaw.com
Product Specifications Approval Sheet
Product Name: SAW Filter 881.5MHz Band 5 Rx SMD 1.1×0.9 mm (BW=25 MHz)
TST Parts No.: TA1690B
Customer Part No.:
Checked by:
Sam Lin
Approved by:
Andy Yu
Date:
2018/08/13
1.
Customer signed back is required before TST can proceed with sample build and receive orders.
2.
Orders received without customer signed back will be regarded as agreement on the specifications.
3.
Any specifications changes must be approved upon by both parties and a new revision of specifications
shall be released to reflect the change
Customer signature required
Company:
Division:
Approved by :
Date:


Podobny numer części - TA1690B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transko Electronics, In...
TA1690BM1 TRANSKO-TA1690BM1 Datasheet
359Kb / 4P
   Wireless, Balanced RF SAW Filter
Revision 0: January 2005
More results

Podobny opis - TA1690B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TA1690D TAI-SAW-TA1690D Datasheet
431Kb / 11P
   SAW Filter SAW Filter 881.5MHz Band 5 Rx SMD 1.1횞0.9 mm (BW=25 MHz)
TA1692DA TAI-SAW-TA1692DA Datasheet
199Kb / 7P
   SAW Filter 836.5 MHz Band 5 Tx SMD 1.1횞0.9 mm (BW = 25 MHz)
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1699B TAI-SAW-TA1699B Datasheet
477Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1811DN TAI-SAW-TA1811DN Datasheet
228Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1811D TAI-SAW-TA1811D Datasheet
414Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1109 (25MHz BW)
TA1816B TAI-SAW-TA1816B Datasheet
428Kb / 8P
   SAW Rx Filter 881.5MHz LTE Band 5 SMD 1411 (25MHz BW)
TA1699D TAI-SAW-TA1699D Datasheet
447Kb / 11P
   SAW Filter 2140MHz 60MHz BW Band 1 Rx SMD 1.1횞0.9 mm
TA1870DA TAI-SAW-TA1870DA Datasheet
507Kb / 8P
   SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
TA1811AA TAI-SAW-TA1811AA Datasheet
951Kb / 9P
   SAW Rx Filter 881.5 MHz LTE Band 5 SMD 1.1x0.9 mm (BW=25 MHz)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com