Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1131A Arkusz danych(PDF) 5 Page - List of Unclassifed Manufacturers

Numer części MC1131A
Szczegółowy opis  Advanced Brushless Motor Control Chipset
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

MC1131A Arkusz danych(HTML) 5 Page - List of Unclassifed Manufacturers

  MC1131A Datasheet HTML 1Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 2Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 3Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 4Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 5Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 6Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 7Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 8Page - List of Unclassifed Manufacturers MC1131A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
5
DC Electrical Characteristics
(Vcc and Ta per operating ratings, Fclk = 25.0 Mhz)
Symbol
Parameter
Min.
Max.
Units
Conditions
Vcc
Supply Voltage
4.75
5.25
V
Idd
Supply Current
100
mA
open outputs
Input Voltages
Vih
Logic 1 input voltage
2.0
Vcc + 0.3
V
Vil
Logic 0 input voltage
-0.3
0.8
V
Vihclk
Logic 1 voltage for clock pin
(ClkIn)
3.0
Vcc+0.3
V
Vihreset
Logic 1 voltage for reset pin
(reset)
4.0
Vcc+0.3
V
Output Voltages
Voh
Logic 1 Output Voltage
2.4
V
@CP Io = 300 uA
@I/O Io = 4 mA
Vol
Logic 0 Output Voltage
0.33
V
@CP Io = 2 mA
@I/O Io = 4 mA
Iout
Tri-State output leakage current
-20
20
uA
0 < Vout < Vcc
Iin
Input current
-50
50
uA
0 < Vi < Vcc
Iinclk
Input current ClkIn
-20
20
uA
0 < Vi < Vcc
AC Electrical Characteristics
(see reference timing diagrams)
(Vcc and Ta per operating ratings; Fclk = 25.0 Mhz)
(~ character indicates active low signal)
Timing Interval
T#
Min.
Max.
Units
Encoder and Index Pulse Timing
Motor-Phase Pulse Width
T1
1.6
uS
Dwell Time Per State
T2
0.8
uS
Index Pulse Setup and Hold
(relative to Quad A and Quad B low)
T3
0
uS
Reset Timing
Stable Power to Reset
0.25
Sec
Reset Low Pulse Width
1.0
uS
Clock Timing
Clock Frequency (Fclk)
6.7
25.6
Mhz
Clock Pulse Width
T4
19.5
75 (note 2)
nS
Clock Period
T5
39
149 (note 2)
nS


Podobny numer części - MC1131A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zhengzhou Winsen Electr...
MC113 WINSEN-MC113 Datasheet
808Kb / 7P
   Catalytic Gas Sensor
MC113C WINSEN-MC113C Datasheet
808Kb / 7P
   Catalytic Gas Sensor
More results

Podobny opis - MC1131A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC1451A ETC1-MC1451A Datasheet
347Kb / 51P
   Advanced Step Motor Control Chipset
MC1141A ETC-MC1141A Datasheet
422Kb / 60P
   Advanced Microstepping Motion Control Chipset
logo
Mitsubishi Electric Sem...
M51785P MITSUBISHI-M51785P Datasheet
300Kb / 7P
   3 PHASE BRUSHLESS MOTOR CONTROL
M56733AFP MITSUBISHI-M56733AFP Datasheet
682Kb / 4P
   3-PHASE BRUSHLESS MOTOR CONTROL
logo
M.S. Kennedy Corporatio...
MSK4413 MSK-MSK4413_15 Datasheet
179Kb / 6P
   28V/160A Brushless DC motor control capability.
logo
STMicroelectronics
AN1113 STMICROELECTRONICS-AN1113 Datasheet
166Kb / 18P
   BRUSHLESS MOTOR FUZZY CONTROL BY USING ST52X301
logo
New Japan Radio
NJW4302 NJRC-NJW4302 Datasheet
209Kb / 18P
   THREE-PHASE DC BRUSHLESS MOTOR CONTROL IC
logo
List of Unclassifed Man...
MC73110 ETC-MC73110 Datasheet
1Mb / 40P
   Advanced 3-Phase Motor Control IC
DF45S024050-A2 ETC-DF45S024050-A2 Datasheet
140Kb / 1P
   Brushless Motor
logo
Zilog, Inc.
AN031102-0311 ZILOG-AN031102-0311 Datasheet
2Mb / 26P
   Sensorless Brushless DC Motor Control with the Z16FMC MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com