Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MAX8725ETI Arkusz danych(PDF) 26 Page - Maxim Integrated Products

Numer części MAX8725ETI
Szczegółowy opis  Multichemistry Battery Charger with Automatic System Power Selector
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MAXIM [Maxim Integrated Products]
Strona internetowa  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8725ETI Arkusz danych(HTML) 26 Page - Maxim Integrated Products

Back Button MAX8725ETI Datasheet HTML 22Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 23Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 24Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 25Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 26Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 27Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 28Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 29Page - Maxim Integrated Products MAX8725ETI Datasheet HTML 30Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 26 / 30 page
background image
Multichemistry Battery Chargers with Automatic
System Power Selector
26
______________________________________________________________________________________
Design Procedure
Table 2 lists the recommended components and refers
to the circuit of Figure 2. The following sections
describe how to select these components.
MOSFET Selection
MOSFETs P2 and P3 (Figure 1) provide power to the
system load when the AC adapter is inserted. These
devices may have modest switching speeds, but must
be able to deliver the maximum input current as set by
RS1. As always, care should be taken not to exceed
the device’s maximum voltage ratings or the maximum
operating temperature.
The p-channel/n-channel MOSFETs (P1, N1) are the
switching devices for the buck controller. The guidelines
for these devices focus on the challenge of obtaining
high load-current capability when using high-voltage
(>20V) AC adapters. Low-current applications usually
require less attention. The high-side MOSFET (P1) must
be able to dissipate the resistive losses plus the switching
losses at both VDCIN(MIN) and VDCIN(MAX).
Ideally, the losses at VDCIN(MIN) should be roughly equal
to losses at VDCIN(MAX), with lower losses in between. If
the losses at VDCIN(MIN) are significantly higher than the
losses at VDCIN(MAX), consider increasing the size of P1.
Conversely, if the losses at VDCIN(MAX) are significantly
higher than the losses at VDCIN(MIN), consider reducing
the size of P1. If DCIN does not vary over a wide range,
the minimum power dissipation occurs where the resistive
losses equal the switching losses.
REFERENCE QTY
DESCRIPTION
C1, C4
2
22µF ±20%, 35V E-size low-ESR
tantalum capacitors
AVX TPSE226M035R0300
Kemet T495X226M035AS
C5, C15
2
1µF ±10%, 25V, X7R ceramic capacitors
(1206)
Murata GRM31MR71E105K
Taiyo Yuden TMK316BJ105KL
TDK C3216X7R1E105K
C9, C10
2
0.01µF ±10%, 25V, X7R ceramic
capacitors (0402)
Murata GRP155R71E103K
TDK C1005X7R1E103K
C11, C14,
C17
3
0.1µF ±10%, 25V, X7R ceramic
capacitors (0603)
Murata GRM188R71E104K
TDK C1608X7R1E104K
C12, C13,
C16
3
1µF ±10%, 6.3V, X5R ceramic
capacitors (0603)
Murata GRM188R60J105K
Taiyo Yuden JMK107BJ105KA
TDK C1608X5R1A105K
D4
1
Schottky diode, 0.5A, 30V SOD-123
Diodes Inc. B0530W
General Semiconductor MBR0530
ON Semiconductor MBR0530
D5
1
25V ±1% zener diode
CMDZ5253B
L1
1
10µH, 4.4A inductor
Sumida CDRH104R-100NC
TOKO 919AS-100M
Table 2. Recommended Components
REFERENCE QTY
DESCRIPTION
N1/P1
1
Dual n- and p-channel MOSFETs, 7A,
30V and -5A, -30V, 8-pin SO, MOSFET
Fairchild FDS8958A or
Single n-channel MOSFETs, +13.5A,
+30V FDS6670S and
Single p-channel MOSFETs, -13.5A,
-30V FDS66709Z
P2, P3, P4
3
Single, p-channel, -11A, -30V, 8-pin SO
MOSFETs
Fairchild FDS6675
R4
1
100kΩ, ±5% resistor (0603)
R5, R9, R21
2
10kΩ ±1% resistors (0603)
R6
1
590kΩ ±1% resistor (0603)
R7
1
196kΩ ±1% resistor (0603)
R8
1
1MΩ ±5% resistor (0603)
R11
1
1kΩ ±5% resistor (0603)
R16
1
33Ω ±5% resistor (0603)
R19, R20
2
10kΩ ±5% resistors (0603)
RS1
1
0.01Ω ±1%, 0.5W sense resistor (2010)
Vishay Dale WSL2010 0.010 1.0%
IRC LRC-LR2010-01-R010-F
RS2
1
0.015Ω ±1%, 0.5W sense resistor (2010)
Vishay Dale WSL2010 0.015 1.0%
IRC LRC-LR2010-01-R015-F
U1
1
MAX1909ETI/MAX8725ETI (28-pin thin
QFN-EP)


Podobny numer części - MAX8725ETI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX8725ETI MAXIM-MAX8725ETI Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
MAX8725ETI++ MAXIM-MAX8725ETI+ Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
More results

Podobny opis - MAX8725ETI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Maxim Integrated Produc...
MAX1909 MAXIM-MAX1909_V01 Datasheet
420Kb / 31P
   Multichemistry Battery Chargers with Automatic System Power Selector
2015
logo
Texas Instruments
BQ24702 TI-BQ24702 Datasheet
521Kb / 32P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER AND SYSTEM POWER SELECTOR
logo
Maxim Integrated Produc...
MAX846A MAXIM-MAX846A Datasheet
106Kb / 12P
   Cost-Saving Multichemistry Battery-Charger System
Rev 0; 9/96
logo
Analog Devices
DC2039A AD-DC2039A Datasheet
4Mb / 32P
   Multichemistry Buck Battery Charger with Digital Telemetry System
logo
Linear Technology
LTC4015 LINER-LTC4015_15 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
LTC4015 LINER-LTC4015 Datasheet
1Mb / 76P
   Multichemistry Buck Battery Charger Controller with Digital Telemetry System
logo
Texas Instruments
BQ24702 TI1-BQ24702_16 Datasheet
886Kb / 37P
[Old version datasheet]   MULTICHEMISTRY BATTERY CHARGER CONTROLLER
logo
Maxim Integrated Produc...
MAX8713 MAXIM-MAX8713 Datasheet
1Mb / 25P
   Simplified Multichemistry SMBus Battery Charger
Rev 0; 11/04
logo
Intersil Corporation
ISL6256HRZ INTERSIL-ISL6256HRZ Datasheet
837Kb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
September 14, 2010
logo
Renesas Technology Corp
ISL6256 RENESAS-ISL6256 Datasheet
1Mb / 26P
   Highly Integrated Battery Charger with Automatic Power Source Selector for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com