Zakładka z wyszukiwarką danych komponentów |
|
AD5547 Arkusz danych(PDF) 5 Page - Analog Devices |
|
AD5547 Arkusz danych(HTML) 5 Page - Analog Devices |
5 / 32 page AD5429/AD5439/AD5449 Rev. 0 | Page 5 of 32 TIMING CHARACTERISTICS VDD = 2.5 V to 5.5 V, VREF = 5 V, IOUT2 = 0 V. All specifications TMIN to TMAX, unless otherwise noted. See Figure 2 and Figure 3. Temperature range for Y version is −40°C to +125°C. Guaranteed by design and characterization, not subject to production test. All input signals are specified with tr = tf = ns (10% to 90% of VDD) and timed from a voltage level of (VIL + VIH)/2. Table 2. Parameter Limit at TMIN, TMAX Unit Conditions/Comments1 fSCLK 50 MHz max Max clock frequency t1 20 ns min SCLK cycle time t2 8 ns min SCLK high time t3 8 ns min SCLK low time t4 13 ns min SYNC falling edge to SCLK falling edge setup time t5 5 ns min Data setup time t6 4 ns min Data hold time t7 5 ns min SYNC rising edge to SCLK falling edge t8 30 ns min Minimum SYNC high time t9 0 ns min SCLK falling edge to LDAC falling edge t10 12 ns min LDAC pulse width t11 10 ns min SCLK falling edge to LDAC rising edge t122 25 ns min SCLK active edge to SDO valid, strong SDO driver 60 ns min SCLK active edge to SDO valid, weak SDO driver 1 Falling or rising edge as determined by the control bits of the serial word. Strong or weak SDO driver selected via the control register. 2 Daisy-chain and readback modes cannot operate at maximum clock frequency. SDO timing specifications are measured with a load circuit, as shown in Figure 4. |
Podobny numer części - AD5547 |
|
Podobny opis - AD5547 |