Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MP03587 Arkusz danych(PDF) 6 Page - Golledge Electronics Ltd

Numer części MP03587
Szczegółowy opis  SAW Filter 719.0MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03587 Arkusz danych(HTML) 6 Page - Golledge Electronics Ltd

  MP03587 Datasheet HTML 1Page - Golledge Electronics Ltd MP03587 Datasheet HTML 2Page - Golledge Electronics Ltd MP03587 Datasheet HTML 3Page - Golledge Electronics Ltd MP03587 Datasheet HTML 4Page - Golledge Electronics Ltd MP03587 Datasheet HTML 5Page - Golledge Electronics Ltd MP03587 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 719.0MHz
Model: TA1037A
Part No: MP03587
Rev No: 2
TA1037A v2
6
G. RECOMMENDED REFLOW PROFILE:
1. Preheating shall be fixed at 150 ~ 180°C for 60 ~ 90 seconds.
2. Ascending time to preheating temperature 150°C shall be 30 seconds min.
3. Heating shall be fixed at 220°C for 50 ~ 80 seconds and at 245 ~ 260°C peak (min.
10 sec).
4. Time: 2 times.


Podobny numer części - MP03587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Laird Tech Smart Techno...
MP0350-000 LSTD-MP0350-000 Datasheet
74Kb / 1P
   cosmetic specification refer to wl-qa-038
MP0350-000 LSTD-MP0350-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
logo
Golledge Electronics Lt...
MP03507 GOLLEDGE-MP03507 Datasheet
137Kb / 5P
   SAW Filter 441.0MHz
MP03515 GOLLEDGE-MP03515 Datasheet
118Kb / 6P
   SAW Filter 256.0MHz
MP03519 GOLLEDGE-MP03519 Datasheet
189Kb / 7P
   SAW Filter 1542.50MHz
More results

Podobny opis - MP03587

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Abracon Corporation
AFS20A05-719.00-T3 ABRACON-AFS20A05-719.00-T3 Datasheet
2Mb / 4P
   Surface Mount 719.0MHz SAW Filter
03.10.15
AFS20A05-719.00-T2 ABRACON-AFS20A05-719.00-T2 Datasheet
1Mb / 4P
   Surface Mount 719.0MHz SAW Filter
08.19.11
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
   70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
   SAW Components SAW Filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
   SAW Components SAW Filter
B39431B3732H110 TDK-B39431B3732H110 Datasheet
109Kb / 10P
   SAW Components SAW filter
B39321B3722U410 TDK-B39321B3722U410 Datasheet
91Kb / 8P
   SAW Components SAW filter
B39431B3935H110 TDK-B39431B3935H110 Datasheet
114Kb / 10P
   SAW Components SAW filter
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
   SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com