Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ESD-SR-S38G Arkusz danych(PDF) 9 Page - Kemet Corporation

Numer części ESD-SR-S38G
Szczegółowy opis  ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEMET [Kemet Corporation]
Strona internetowa  http://www.kemet.com
Logo KEMET - Kemet Corporation

ESD-SR-S38G Arkusz danych(HTML) 9 Page - Kemet Corporation

Back Button ESD-SR-S38G Datasheet HTML 2Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 3Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 4Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 5Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 6Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 7Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 8Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 9Page - Kemet Corporation ESD-SR-S38G Datasheet HTML 10Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
© KEMET Electronics Corporation • KEMET Tower • One East Broward Boulevard
E5005_ESD-SR • 9/17/2018
Fort Lauderdale, FL 33301 USA • 954-766-2800 • www.kemet.com
EMI Core – ESD-SR Snap-on Cores for Round Cables for Low & High Frequency (with case)
Packaging
Part Number
Packaging Type
Pieces per Box
ESD-SR-100
Tray
900
ESD-SR-100G
ESD-SR-110
ESD-SR-110G
ESD-SR-S10
800
ESD-SR-120
700
ESD-SR-120G
ESD-SR-150
400
ESD-SR-150G
ESD-SR-160
ESD-SR-160G
ESD-SR-250
60
ESD-SR-250G
ESD-SR-S16
280
ESD-SR-S25
200
ESD-SR-S10M
800
ESD-SR-S38M
72
ESD-SR-S47M
ESD-SR-S57M
36
Handling Precautions
EMICoresshouldbestoredinnormalworkingenvironments.WhiletheEMICoresthemselvesarequiterobustinother
environments,avoidexposuretohightemperatures,highhumidity,corrosiveatmospheresandlongtermstorageforcase,
snap-on and split types.
KEMETrecommendsthatmaximumstoragetemperaturenotexceed40°Candmaximumstoragehumiditynotexceed75%
relativehumidity.Atmospheresshouldbefreeofchlorine,sulfurandalkalibearingcompounds.Avoidalsostoragenear
strongmagneticfieldsasthismightmagnetizetheproduct.
Temperaturefluctuationsshouldbeminimizedtoavoidcondensationorcracksontheparts.Mechanicalshockscanbring
to cracks as well.
Export Control
For customers in Japan
Forproductsthatarecontrolleditemssubjecttothe“ForeignExchangeandForeignTradeLaw”ofJapan,theexportlicense
specifiedbythelawisrequiredforexport.
For customers outside Japan
EMICoreproductsshouldnotbeusedorsoldforuseinthedevelopment,production,stockpilingorutilizationofany
conventionalweaponsormass-destructiveweapons(nuclearweapons,chemicalorbiologicalweapons,ormissiles),orany
other weapons.


Podobny numer części - ESD-SR-S38G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ESD-SR-S38M KEMET-ESD-SR-S38M Datasheet
57Kb / 1P
   KEMET, ESD-SR, EMI Cores, Noise Suppression
More results

Podobny opis - ESD-SR-S38G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Kemet Corporation
ESD-SR-160H KEMET-ESD-SR-160H Datasheet
504Kb / 7P
   ESD-SR-H/HL Snap-on Cores for Round Cables for High Frequency (with High Heat Resistance & Cable Holding Mechanism case)
ESD-SR KEMET-ESD-SR Datasheet
666Kb / 6P
   Snap-on Cores for Round Cables
ESD-R-31SR-P KEMET-ESD-R-31SR-P Datasheet
801Kb / 9P
   ESD-R-SR Toroidal Cores for Round Cables for Low Frequency at 150 kHz (Bare, coated & with case)
ESD-R-19B KEMET-ESD-R-19B Datasheet
664Kb / 9P
   ESD-R-B Toroidal Cores for Round Cables for Low & High Frequency (with snail-shaped case)
B-20L-48B-A KEMET-B-20L-48B-A Datasheet
582Kb / 8P
   B-20 Bead Cores for Round Cables for Low & High Frequency (Bare & coated)
ESD-FPL-14.5-3 KEMET-ESD-FPL-14.5-3 Datasheet
1Mb / 17P
   ESD-FPL Series Solid Cores for Flat Cables for High Frequency (Bare)
ESD-FPD-16 KEMET-ESD-FPD-16 Datasheet
523Kb / 7P
   ESD-FPD Series Split Cores with Metal Clamp for Flat Cables for High Frequency (Bare)
ESD-FPD-16-1 KEMET-ESD-FPD-16-1 Datasheet
537Kb / 8P
   ESD-FPD-1 Series Split Cores with Plastic Clamp for Flat Cables for High Frequency (Bare)
logo
Cynergy3 Co
M12 CYNERGY3-M12 Datasheet
65Kb / 1P
   Cables for sensors with M12 round connection
logo
Kemet Corporation
ESD-SR-250 KEMET-ESD-SR-250 Datasheet
63Kb / 1P
   EMI Cores, Commercial Grade, ESD-SR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com