Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SF20TD40F Arkusz danych(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Numer części SF20TD40F
Szczegółowy opis  20.0 Amp Super Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SECOS [SeCoS Halbleitertechnologie GmbH]
Strona internetowa  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SF20TD40F Arkusz danych(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SF20TD40F Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SF20TD40F Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SF20TD40F
Voltage 400 V
20.0 Amp Super Fast Recovery Rectifier
11-Jun-2018 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
1
1
1
1
2
2
2
2
3
3
3
3
RoHS Compliant Product
A suffix of “-C” specifies halogen free
FEATURES
Fast switching for high efficiency
150°C Operating Junction Temperature
Low Power Loss, High Efficiency
High-Switching Speed 30 Nanosecond Recovery Time
Low Forward Voltage, High Current Capability
Plastic Material Used Carries Underwriters Laboratory
Flammability Classification 94V-0
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Reverse Voltage
VRRM
400
V
Working Peak Reverse Voltage
VRWM
400
V
DC Blocking Voltage
VR
400
V
Average Rectifier Forward Current
IF(AV)
20
A
Non-Repetitive Peak Surge Current @ Surge applied at rate load
conditions half-wave, single phase, 60Hz
IFSM
90
A
Max. Instantaneous Forward Voltage @ IF=10A
VF
1.3
V
TJ=25°C
5
Max. Instantaneous Reverse Current
2
TJ=100°C
IR
20
µA
Reverse Recovery Time
3
TRR
30
nS
Typical Junction Capacitance
1
CJ
45
pF
Thermal Resistance
RθJC
4
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
Notes:
1. Measured at 1MHz and applied reverse voltage of 5V D.C.
2. Pulse Test: Pulse Width=300µs, Duty Cycle≦2%.
3. IF=0.5A, IR =1A, IRR=0.25A.
Part Number
Type
SF20TD40F
Lead (Pb)-free
SF20TD40F-C
Lead (Pb)-free and Halogen-free
ITO-220
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
14.50
16.50
H
2.70
4.35
B
9.50
10.72
J
0.90
1.70
C
12.60
14.22
K
0.30
0.95
D
4.20
5.10
L
2.34
2.75
E
2.30
3.30
M
2.40
3.60
F
2.30
3.10
N
φ 3.0
φ 3.8
G
0.30
0.75


Podobny numer części - SF20TD40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SF20TD40 SECOS-SF20TD40 Datasheet
214Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD40-C SECOS-SF20TD40-C Datasheet
214Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
More results

Podobny opis - SF20TD40F

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SeCoS Halbleitertechnol...
SF20ED20F SECOS-SF20ED20F Datasheet
206Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD40 SECOS-SF20TD40 Datasheet
214Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD60 SECOS-SF20TD60 Datasheet
212Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SF20TD60F SECOS-SF20TD60F Datasheet
207Kb / 2P
   20.0 Amp Super Fast Recovery Rectifier
SFG20ED100 SECOS-SFG20ED100 Datasheet
989Kb / 2P
   Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20SD50F SECOS-SFG20SD50F Datasheet
300Kb / 2P
   Voltage 50V ~ 600V 20.0 Amp Super Fast Rectifier
SFG20ED100F SECOS-SFG20ED100F Datasheet
740Kb / 2P
   Voltage 100V ~ 600V 20.0 Amp Super Fast Rectifier
SFG08E200 SECOS-SFG08E200 Datasheet
601Kb / 2P
   0.8 Amp Super Fast Recovery Rectifier
SFG10S200 SECOS-SFG10S200 Datasheet
639Kb / 2P
   10.0 Amp Super Fast Recovery Rectifier
SFG16S200F SECOS-SFG16S200F Datasheet
210Kb / 2P
   16.0 Amp Super Fast Recovery Rectifier
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com