Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA-0538-A Arkusz danych(PDF) 6 Page - TDK Electronics

Numer części CXA-0538-A
Szczegółowy opis  DC/AC INVERTER UNIT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CXA-0538-A Arkusz danych(HTML) 6 Page - TDK Electronics

  CXA-0538-A Datasheet HTML 1Page - TDK Electronics CXA-0538-A Datasheet HTML 2Page - TDK Electronics CXA-0538-A Datasheet HTML 3Page - TDK Electronics CXA-0538-A Datasheet HTML 4Page - TDK Electronics CXA-0538-A Datasheet HTML 5Page - TDK Electronics CXA-0538-A Datasheet HTML 6Page - TDK Electronics CXA-0538-A Datasheet HTML 7Page - TDK Electronics CXA-0538-A Datasheet HTML 8Page - TDK Electronics CXA-0538-A Datasheet HTML 9Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
No.
MATERIALS NAME
MATERIAL
REMARK
PRODUCT NAME or MODEL,TITLE
DC-AC INVERTER UNIT CXA-0538-A
PAGE
NAME OF DRAWING
DRAWING No.
Product Drawing
CTR-3730-A
TSB-08-01-05(00) form-6(A4)
QU
<The specifications may be changed without any notice.>
5
[2] Absolute maximum ratings
[ ]
3 Electrical specifications
0∼Vin
Items
Symbols
Specification
Unit
Notes
Input Voltage
Load Resistance
Operating Temp. range
Storage Temp. range
Humidity range
Vin
RL1∼4//CL1∼4
Ta
Ts
RH
0∼15
100//6
-30∼85
95
VDC
kΩ//pF
%RH
A maximum wet ball temperature is 38°C
No dew.
Vrmt
Vbr
0∼16
-30∼80
Conditions
Vin(V)
12±1.2
Ta(
)
-30
80
Specifications
MIN.
MAX.
TYP.
6.0
6.5
7.0
Unit
Vrmt(V)
Vbr(V) /
Rbr(kΩ)
5±0.25
0 / 0
mArms
45
50
55
1.7
2.3
kHz
2.0
1.7
2.5
A
1
mA
0
5±0.25
0 / 0
0∼1.9 / 0∼20
0 / 0
0 / 0
125
155
185
Hz
1.9 / 2.0
V
kVrms
Item
Frequency
Open Circuit
Voltage
Input Current1
Input Current2
Frequency
(duty)
Symbol
F1
Vopen
lin1
lin2
F2
RL1
4(kΩ)
//CL1
4(pF)
90 // 6
3.5
4.2
4.9
1.9 / 20
Output Current
(max.)
lout1
4
Output Current
(min.)
lout1
4
0∼1.9 / 0∼20
0∼1.9 / 0∼20
5.5
0.5
4.5
-
5.0
0
90 // 6
(Note4-3)※1
90 // 6
Vst
Warning Signal
(Note4-3)
-20
70
5.9
6.5
7.1
0 / 0
Output Current
(max.)
lout1
4
Please check your lamp characteristic for minimum operational current and set the limit point in your design to
avoid flickering and/or abnormal operation.
For proper operation of circuit protection (fuse or IC PROTECTOR),Please use minimum of 6.3A capacity for input
power supply.
Impedence from the wire connection can cause a ripple in the input. The product has an internal fuse
of 3.15A. Please check that input current peak wave form does not exceed 3.15A.
The cable of hight voltage must not come in contact with a metallic frame.
Note1-6.
Note1-7.
Note1-8.
Note1-9.


Podobny numer części - CXA-0538-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CXA-0538 TDK-CXA-0538 Datasheet
360Kb / 4P
   Dimming/Connector Type
More results

Podobny opis - CXA-0538-A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CXA-L0612-VJL TDK-CXA-L0612-VJL Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-0535 TDK-CXA-0535 Datasheet
239Kb / 2P
   DC/AC INVERTER UNIT
CXA-0549 TDK-CXA-0549 Datasheet
229Kb / 9P
   DC/AC INVERTER UNIT
CXA-0308 TDK-CXA-0308 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-K0612-VSL TDK-CXA-K0612-VSL Datasheet
36Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0612 TDK-CXA-L0612 Datasheet
63Kb / 2P
   DC-AC INVERTER UNIT
CXA-L0712-VJL TDK-CXA-L0712-VJL Datasheet
37Kb / 2P
   DC-AC INVERTER UNIT
CXA-0543 TDK-CXA-0543 Datasheet
114Kb / 2P
   DC/AC INVERTER UNIT
CXA-0271 TDK-CXA-0271 Datasheet
44Kb / 2P
   DC-AC INVERTER UNIT
CXA-P1012B-NJL TDK-CXA-P1012B-NJL Datasheet
206Kb / 9P
   DC/AC INVERTER UNIT
CXA-0547 TDK-CXA-0547 Datasheet
172Kb / 3P
   DC/AC INVERTER UNIT
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com