Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TB1223A Arkusz danych(PDF) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

Numer części TB1223A
Szczegółowy opis  SAW Filter 550MHz 100MHz BW (SMD 5.0횞5.0 mm)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Strona internetowa  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.

TB1223A Arkusz danych(HTML) 7 Page - TAI-SAW TECHNOLOGY CO., LTD.

  TB1223A Datasheet HTML 1Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 2Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 3Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 4Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 5Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 6Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 7Page - TAI-SAW TECHNOLOGY CO., LTD. TB1223A Datasheet HTML 8Page - TAI-SAW TECHNOLOGY CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
TAI-SAW TECHNOLOGY CO., LTD.
7
TST DCC
Release document
G. PACKING:
1. REEL DIMENSION
(Please refer to FR-75D10 for packing quantity)
2. TAPE DIMENSION
Direction of Feed


Podobny numer części - TB1223A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TB1221 ETC2-TB1221 Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
TB1221J ETC2-TB1221J Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
TB1221L ETC2-TB1221L Datasheet
224Kb / 2P
   TEST BOARD ACCELEROMETERS
logo
TAI-SAW TECHNOLOGY CO.,...
TB1222A TAI-SAW-TB1222A Datasheet
221Kb / 8P
   161MHz 22MHzBW SMD 5.0mm x 5.0mm SAW IF Filter
TB1224A TAI-SAW-TB1224A Datasheet
221Kb / 7P
   SAW Filter 650MHz 100MHz BW (SMD 5.0횞5.0 mm)
More results

Podobny opis - TB1223A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TAI-SAW TECHNOLOGY CO.,...
TB1224A TAI-SAW-TB1224A Datasheet
221Kb / 7P
   SAW Filter 650MHz 100MHz BW (SMD 5.0횞5.0 mm)
TB0903A TAI-SAW-TB0903A Datasheet
349Kb / 7P
   SAW Filter 751.5MHz 65MHz BW (SMD 5.0횞5.0 mm)
TB1115A TAI-SAW-TB1115A Datasheet
136Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1094A TAI-SAW-TB1094A Datasheet
155Kb / 8P
   SAW Filter 237.3MHz 20MHz BW (SMD 5.0횞5.0 mm)
TB0969A TAI-SAW-TB0969A Datasheet
362Kb / 7P
   SAW Filter 279.7MHz 55MHz BW (SMD 5.0횞5.0 mm)
TB1007A TAI-SAW-TB1007A Datasheet
348Kb / 7P
   SAW Filter 851.24MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1029A TAI-SAW-TB1029A Datasheet
352Kb / 7P
   SAW Filter 745MHz 66MHz BW (SMD 5.0횞5.0 mm)
TB1030A TAI-SAW-TB1030A Datasheet
333Kb / 6P
   SAW Filter 974.3MHz 76MHz BW (SMD 5.0횞5.0 mm)
TB1174A TAI-SAW-TB1174A Datasheet
177Kb / 8P
   SAW Filter 238MHz 10MHz BW (SMD 5.0횞5.0 mm)
TB0902A TAI-SAW-TB0902A Datasheet
352Kb / 6P
   SAW Filter 435MHz 70MHz BW (SMD 5.0횞5.0 mm)
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com