Zakładka z wyszukiwarką danych komponentów |
|
AM2404S Arkusz danych(PDF) 2 Page - Anachip Corp |
|
AM2404S Arkusz danych(HTML) 2 Page - Anachip Corp |
2 / 12 page 2-Wire Serial 4K-Bit (512 x 8) CMOS Electrically Erasable PROM AM24LC04 Anachip Corp. www.anachip.com.tw Rev. A2 Oct 20, 2003 2/12 ATC Block Diagrams START STOP LOGIC CONTROL LOGIC SLAVE ADDRESS REGISTER & COMPARATOR WORD ADDRESS COUNTER H.V. GENERATION TIMING & CONTROL XDEC EEPROM ARRAY 32x16x8 YDEC DATA REGISTER DOUT ACK WP SDA SCL A2 VCC VSS Din R/W ~ , device address bit A0 Dout inc load ck start cycle A1 Absolute Maximum Ratings Characteristics Symbol Values Unit Storage Temperature TS -65 to + 125 °C Voltage with Respect to Ground -0.3 to + 6.5 V Note: These are STRESS rating only. Appropriate conditions for operating these devices given elsewhere may permanently damage the part. Prolonged exposure to maximum ratings may affect device reliability. Operating Conditions Temperature under bias Values Unit AM24LC04 0 to + 70 °C AM24LC04I -40 to +85 °C AM24LC04V -40 to +125 °C |
Podobny numer części - AM2404S |
|
Podobny opis - AM2404S |