Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AXRB9000 Arkusz danych(PDF) 2 Page - Advanced XTAL Products

Numer części AXRB9000
Szczegółowy opis  High Stability Low Noise Rubidium Frequency Reference in 19??rack (2 HU) with up to 3 outputs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AXTAL [Advanced XTAL Products]
Strona internetowa  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXRB9000 Arkusz danych(HTML) 2 Page - Advanced XTAL Products

  AXRB9000_18 Datasheet HTML 1Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 2Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 3Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 4Page - Advanced XTAL Products AXRB9000_18 Datasheet HTML 5Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXRB9000 Rev.3
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 2(5)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
Parameter
min.
typ.
max. Unit
Condition
Nominal output frequency
10.000
MHz
Frequency stability
STD
MS
HS
Option 1 (max.)
vs. operating temperature range
±0.5
±0.5
±0.1
ppb
steady state
Long term (aging) per month
±0.05
±0.05
±0.03
ppb
after 3 months operation
Long term (aging) 1st year
±0.5
±0.5
±0.2
ppb
after 3 months operation
Long term (aging) over 10 years
±1.3
±1.3
±1
ppb
after 3 months operation
Frequency adjustment range
Mechanical Frequency Control
±1.5
ppb
By trimmer access (Note 3)
RF output
RF output ports
1 Rubidium direct output
3 splitted outputs
See block diagram and
enclosure drawing
Signal waveform
Sine wave
Load RL
50
±5%
Output level per port
+12
+7
+14
+9
dBm
dBm
Rubidium direct output
Splitted outputs
Isolation between splitted ports
30
40
dB
Harmonics
-40
dBc
Spurious
-80
dBc
Phase noise
See table 1
Option 2
Short-term stability (ADEV)
STD
MS
HS
Option 1 (max.)
8·10-11
3·10-11
8·10-12
3·10-11
1·10-11
3·10-12
1·10-11
3·10-12
1·10-12
@ τ = 1 sec
@ τ = 10 sec
@ τ = 100 sec
Warm-up time @ +25°C (Note 2)
15
min
< ±0.5 ppb
Retrace
±0.05
ppb
1 h after 24 hrs OFF
Monitor logic voltage
5
V
COMM interface
AC Supply voltage VS
100
230
240
V
IEC 60320-1 / C14
AC Supply input frequency
50
60
Hz
Power consumption
50
W
Operating temperature range
0
+50
°C
Enclosure (see drawing) (WxDxH)
483x250x88
mm
Color “black”
Drawing number
AXZ10.01097.02
RF Connectors
BNC female
@ Rear plate
Communication Connector
9-Pin D-Sub male
with jack posts
@ Rear plate
Weight
8
kg
Notes:
1.
Terminology and test conditions are according to IEC60679-1 and MIL-PRF-55310, unless otherwise stated
2.
Warm-up indicator at front plate. Indicator ON when Rubidium locked.
3.
Trimmer accessible at front plate. Adjustment range sufficient for 10 years operation.
Absolute Maximum Ratings
Parameter
min.
max.
Unit
Condition
AC Supply Voltage VS
90
260
V
AC Supply input frequency
47
63
Hz
AC Supply input current
2
A
Fuse accessible at rear plate
Splitter input level (SPLIT IN)
+20
dBm
Storage Temperature
-20
+70
°C


Podobny numer części - AXRB9000_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
515Kb / 5P
   Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
AXRB9000 AXTAL-AXRB9000 Datasheet
414Kb / 5P
   Very High Frequency Stability
AXRB9000 AXTAL-AXRB9000 Datasheet
479Kb / 5P
   Very High Frequency Stability
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
   High Stability Low Noise Rubidium Frequency Reference
More results

Podobny opis - AXRB9000_18

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Advanced XTAL Products
AXRB9000 AXTAL-AXRB9000 Datasheet
269Kb / 5P
   High Stability Low Noise Rubidium Frequency Reference
AXDA9000 AXTAL-AXDA9000 Datasheet
515Kb / 5P
   Low Noise Selective Distribution Amplifier in 19??rack (1 HU)
AXRB1021 AXTAL-AXRB1021 Datasheet
286Kb / 4P
   High Stability Rubidium Oscillator
AXGPS9000 AXTAL-AXGPS9000 Datasheet
242Kb / 5P
   GPS-Disciplined OCXO 10.000 MHz in 19??rack (1 HU)
logo
Linear Technology
LT1027LS8 LINER-LT1027LS8 Datasheet
3Mb / 14P
   Precision, Low Noise, High Stability Hermetic Voltage Reference
logo
Advanced XTAL Products
AXRB1003H AXTAL-AXRB1003H Datasheet
212Kb / 4P
   Very High Stability Rubidium Oscillator
logo
QUARTZCOM the communica...
OCO-M50BH QUARTZCOM-OCO-M50BH Datasheet
105Kb / 1P
   Ultra Low Noise OCXO HCMOS High frequency stability vs. temperature
logo
Vectron International, ...
AR-133A-03 VECTRON-AR-133A-03 Datasheet
608Kb / 6P
   Rubidium Frequency Standard
AR-133 VECTRON-AR-133 Datasheet
348Kb / 5P
   Rubidium Frequency Standard
logo
Analog Devices
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com