Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ULN2001LC Arkusz danych(PDF) 3 Page - Unisonic Technologies

Numer części ULN2001LC
Szczegółowy opis  3CH DARLINGTON SINK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UTC [Unisonic Technologies]
Strona internetowa  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

ULN2001LC Arkusz danych(HTML) 3 Page - Unisonic Technologies

  ULN2001LC Datasheet HTML 1Page - Unisonic Technologies ULN2001LC Datasheet HTML 2Page - Unisonic Technologies ULN2001LC Datasheet HTML 3Page - Unisonic Technologies ULN2001LC Datasheet HTML 4Page - Unisonic Technologies ULN2001LC Datasheet HTML 5Page - Unisonic Technologies ULN2001LC Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ULN2001LC
INEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R113-019.D
ABSOLUTE MAXIMUM RATING (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Emitter Voltage
VCE
50
V
Clamp Diode Reverse Voltage
VCOM
50
V
Input Voltage
VI
30
V
Peak Collector Current
ICP
100
mA
Output Clamp Current
IOK
100
mA
DIP-8
0.750
W
Power Dissipation
SOP-8
PD
0.625
W
Junction Temperature
TJ
+125
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Output Sustaining Voltage
VCE(SUS)
0
50
V
Output Current
IOUT
TA=+85°C
100 mA/ch
Input Voltage
VIN
0
12
V
Input Voltage (Output On)
VIN (ON)
IOUT=100mA
2.8
12
V
Input Voltage (Output Off)
VIN (OFF)
0
0.7
V
Clamp Diode Reverse Voltage
VR
50
V
Clamp Diode Forward Current
IF
70
mA
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
DIP-8
133
°С/W
Junction to Ambient
SOP-8
θJA
160
°С/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST
CIRCUIT
TEST CONDITIONS
MIN TYP MAX UNIT
IC=20mA
1.9
2.3
V
IC=50mA
2.0
2.4
V
IC=80mA
2.0
2.4
V
Input Voltage (Output On)
VI(ON)
2
VCE=1.5V
IC=100mA
2.1
2.5
V
IC=20mA
0.83
V
IC=50mA
0.92
V
IC=80mA
0.99
V
Collector-Emitter Saturation Voltage VCE(SAT)
3
VI=2.4V
(II>250μA)
IC=100mA
1.10
V
VI=12V
6.3
mA
VI=6V
2.8
mA
VI=4.5V
1.97
mA
Input Current
II
2
IC=60mA
VI=2.4V
0.83
mA
Clamp Diode Forward Voltage
VF
5
IF=70mA
1.1
1.4
V
Output Leakage Current
ICEX
1
VCE=50V, II=0
50
μA
Collector-Emitter Voltage
VCE
1
VCE=50V, II=0
50
V
Clamp Diode Reverse Voltage
VR
4
VR=50V
50
V
Clamp Diode Reverse Current
IR
4
VR=50V
50
μA
Propagation Delay Time,
Low- to High
tPLH
6
VL=12V, RL=120Ω
0.15
1
μs
Propagation Delay Time,
High - to Low
tPHL
6
VL=12V, RL=120Ω
0.15
1
μs


Podobny numer części - ULN2001LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ULN2001L ETC1-ULN2001L Datasheet
749Kb / 8P
   HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
Unisonic Technologies
ULN2001L-D08-T UTC-ULN2001L-D08-T Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
ULN2001L-S08-R UTC-ULN2001L-S08-R Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
More results

Podobny opis - ULN2001LC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Unisonic Technologies
ULN2001 UTC-ULN2001 Datasheet
219Kb / 6P
   3CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62001 TOSHIBA-TD62001 Datasheet
339Kb / 13P
   7CH DARLINGTON SINK DRIVER
TD62001P TOSHIBA-TD62001P Datasheet
467Kb / 12P
   7CH DARLINGTON SINK DRIVER
TD62003PA TOSHIBA-TD62003PA Datasheet
277Kb / 9P
   7CH DARLINGTON SINK DRIVER
TD62101P TOSHIBA-TD62101P Datasheet
317Kb / 8P
   7CH DARLINGTON SINK DRIVER
logo
Unisonic Technologies
ULN2004 UTC-ULN2004_15 Datasheet
280Kb / 9P
   7CH DARLINGTON SINK DRIVER
ULN2004 UTC-ULN2004 Datasheet
206Kb / 8P
   7CH DARLINGTON SINK DRIVER
ULN2003 UTC-ULN2003_17 Datasheet
492Kb / 10P
   7CH DARLINGTON SINK DRIVER
logo
ARTSCHIP ELECTRONICS CO...
ULN2803 ARTSCHIP-ULN2803 Datasheet
343Kb / 8P
   8CH DARLINGTON SINK DRIVER
logo
Toshiba Semiconductor
TD62008APG TOSHIBA-TD62008APG Datasheet
472Kb / 10P
   7CH DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com