Zakładka z wyszukiwarką danych komponentów |
|
TS5A3154YEPR Arkusz danych(PDF) 9 Page - Texas Instruments |
|
TS5A3154YEPR Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 22 page TS5A3154 0.9 W SPDT ANALOG SWITCH 5V/3.3V SINGLECHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS191 − MARCH 2005 www.ti.com 9 Electrical Characteristics for 2.5-V Supply(1) (continued) V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Dynamic Turn-on time tON VCOM = V+, CL = 35 pF, 25 °C 2.5 V 4 7.0 11.5 ns Turn-on time tON VCOM = V+, RL = 50 Ω, CL = 35 pF, See Figure 17 Full 2.3 V to 2.7 V 3.5 12 ns Turn-off time tOFF VCOM = V+, CL = 35 pF, 25 °C 2.5 V 5 11.5 18.5 ns Turn-off time tOFF VCOM = V+, RL = 50 Ω, CL = 35 pF, See Figure 17 Full 2.3 V to 2.7 V 4 21 ns Make-before- tMBB VCOM = V+, CL = 35 pF, 25 °C 2.5 V 4 6.3 15 ns Make-before- break time tMBB VCOM = V+, RL = 50 Ω, CL = 35 pF, See Figure 18 Full 2.3 V to 2.7 V 4 16 ns Charge injection QC VGEN = 0, RGEN = 0, CL = 1 nF, See Figure 22 25 °C 2.5 V 7 pC NC, NO OFF capacitance CNC(OFF), CNO(OFF) VNC or VNO = V+ or GND, Switch OFF, See Figure 16 25 °C 2.5 V 19 pF NC, NO ON capacitance CNC(ON), CNO(ON) VNC or VNO = V+ or GND, Switch ON, See Figure 16 25 °C 2.5 V 57 pF COM OFF capacitance CCOM(OFF) VCOM = V+ or GND, Switch ON, See Figure 16 25 °C 2.5 V 36 pF COM ON capacitance CCOM(ON) VCOM = V+ or GND, Switch ON, See Figure 16 25 °C 2.5 V 57 pF Digital input capacitance CI VI = V+ or GND, See Figure 16 25 °C 2.5 V 2 pF Bandwidth BW RL = 50 Ω, Switch ON, See Figure 19 25 °C 2.5 V 100 MHz OFF isolation OISO RL = 50 Ω, f = 1 MHz, Switch OFF, See Figure 20 25 °C 2.5 V −64 dB Crosstalk XTALK RL = 50 Ω, f = 1 MHz, Switch ON, See Figure 21 25 °C 2.5 V −64 dB Total harmonic distortion THD RL = 600 Ω, CL = 50 pF, f = 20 Hz to 20 kHz, See Figure 23 25 °C 2.5 V 0.020 % Supply Positive supply I+ VI = V+ or GND, Switch ON or OFF 25 °C 2.7 V 0.001 0.05 A Positive supply current I+ VI = V+ or GND, Switch ON or OFF Full 2.7 V 0.15 µA (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum |
Podobny numer części - TS5A3154YEPR |
|
Podobny opis - TS5A3154YEPR |