Zakładka z wyszukiwarką danych komponentów |
|
TS5A3357DCTR Arkusz danych(PDF) 1 Page - Texas Instruments |
|
TS5A3357DCTR Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 22 page TS5A3357 SINGLE 5 W SP3T ANALOG SWITCH 5V/3.3V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER SCDS177 – OCTOBER 2004 DESCRIPTION The TS5A3357 is a high-performance, single-pole triple throw (SP3T) analog switch that is designed to operate from 1.65 V to 5.5 V. The device offers a low ON-state resistance and low input/output capacitance and, thus, causes a very low signal distortion. The break-before-make feature allows transferring of a signal from one port to another, with a minimal signal distortion. This device also offers a low charge injection which makes this device suitable for high-performance audio and data acquisition systems. APPLICATIONS D Cell Phones D PDAs D Portable Instrumentation SSOP OR VSSOP PACKAGE (TOP VIEW) 1 2 3 8 7 6 NO0 NO1 NO2 IN1 COM V+ TS5A3357 4 GND 5 IN2 Logic Control FUNCTION TABLE IN1 IN2 COM TO NO0 COM TO NO1 COM TO NO2 L L OFF OFF OFF H L ON OFF OFF L H OFF ON OFF H H OFF OFF ON FEATURES D Specified Break-Before-Make Switching D Low ON-State Resistance D High Bandwidth D Control Inputs are 5.5-V Tolerant D Low Charge-Injection D Excellent ON-State Resistance Matching D Low Total Harmonic Distortion D 1.65-V to 5.5-V Single-Supply Operation D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) SUMMARY OF CHARACTERISTICS (V+ = 5 V AND TA = 25 °C) Configuration 3:1 Multiplexer/Demultiplexer (1 × SP3T) Number of Channels 1 ron 5 Ω ∆ron 0.1 Ω ron(flat) 6.5 Ω tON/tOFF 6.5 ns/3.7 ns tBBM 0.5 ns Charge-Injection 3.4 pC Bandwidth 334 MHz Off-Isolation −82 dB at 10 MHz Crosstalk −62 dB at 10 MHz Total Harmonic Distortion 0.05% ICOM(OFF) ±1 µA Package Option 8 Pin DCT (SM8) or DCU (US8) PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright 2004, Texas Instruments Incorporated |
Podobny numer części - TS5A3357DCTR |
|
Podobny opis - TS5A3357DCTR |