Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

QM2702D Arkusz danych(PDF) 2 Page - uPI Group Inc.

Numer części QM2702D
Szczegółowy opis  N-Ch 20V Fast Switching MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  UPI [uPI Group Inc.]
Strona internetowa  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.

QM2702D Arkusz danych(HTML) 2 Page - uPI Group Inc.

  QM2702D Datasheet HTML 1Page - uPI Group Inc. QM2702D Datasheet HTML 2Page - uPI Group Inc. QM2702D Datasheet HTML 3Page - uPI Group Inc. QM2702D Datasheet HTML 4Page - uPI Group Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
QM2702D
N-Ch 20V Fast Switching MOSFETs
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
20
---
---
V
△BVDSS/△TJ BVDSS Temperature Coefficient
Reference to 25℃ , ID=1mA
---
0.024
---
V/℃
RDS(ON)
Static Drain-Source On-Resistance
2
VGS=4.5V , ID=14A
---
16
20
m
Ω
VGS=2.5V , ID=7A
---
22
28
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
0.5
0.7
1.2
V
△VGS(th)
VGS(th) Temperature Coefficient
---
-2.7
---
mV/℃
IDSS
Drain-Source Leakage Current
VDS=16V , VGS=0V , TJ=25℃
---
---
1
uA
VDS=16V , VGS=0V , TJ=55℃
---
---
5
IGSS
Gate-Source Leakage Current
VGS=±16V , VDS=0V
---
---
±100
nA
gfs
Forward Transconductance
VDS=5V , ID=14A
---
30
---
S
Rg
Gate Resistance
VDS=0V , VGS=0V , f=1MHz
---
1.9
3.8
Ω
Qg
Total Gate Charge (4.5V)
VDS=15V , VGS=4.5V , ID=14A
---
9.8
---
nC
Qgs
Gate-Source Charge
---
2.1
---
Qgd
Gate-Drain Charge
---
3
---
Td(on)
Turn-On Delay Time
VDD=10V , VGS=4.5V , RG=3.3Ω
ID=14A
---
3.8
---
ns
Tr
Rise Time
---
12.2
---
Td(off)
Turn-Off Delay Time
---
19.6
---
Tf
Fall Time
---
8
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
772
---
pF
Coss
Output Capacitance
---
83
---
Crss
Reverse Transfer Capacitance
---
79
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IS
Continuous Source Current
1,4
VG=VD=0V , Force Current
---
---
28
A
ISM
Pulsed Source Current
2,4
---
---
70
A
VSD
Diode Forward Voltage
2
VGS=0V , IS=1A , TJ=25℃
---
---
1.2
V
trr
Reverse Recovery Time
IF=14A , dI/dt=100A/µs , TJ=25℃
---
7.3
---
nS
Qrr
Reverse Recovery Charge
---
2
---
nC
Note :
1.The data tested by surface mounted on a 1 inch
2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width
≦ 300us , duty cycle ≦ 2%
3.The power dissipation is limited by 150℃ junction temperature
4.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics


Podobny numer części - QM2702D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
uPI Group Inc.
QM2710D UPI-QM2710D Datasheet
835Kb / 8P
   N-Channel 20V Fast Switching MOSFET
More results

Podobny opis - QM2702D

ProducentNumer częściArkusz danychSzczegółowy opis
logo
uPI Group Inc.
QM2402K UPI-QM2402K Datasheet
236Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2510 PACELEADER-PKN2510 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
ShenZhen XinDeYi Electr...
US2302 XINDEYI-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
logo
Unitpower Technology Li...
UM9926 UNITPOWER-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
US2302 UNITPOWER-US2302 Datasheet
1Mb / 6P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKCE2530 FETEK-FKCE2530 Datasheet
806Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UM9926 XINDEYI-UM9926 Datasheet
966Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
PACELEADER INDUSTRIAL
PKN2544 PACELEADER-PKN2544 Datasheet
1Mb / 5P
   N-Ch 20V Fast Switching MOSFETs
logo
uPI Group Inc.
QM2402J UPI-QM2402J Datasheet
250Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
logo
FETek Technology Corp.
FKUA2544 FETEK-FKUA2544 Datasheet
716Kb / 5P
   N-Ch 20V Fast Switching MOSFETs
Ver : A
logo
ShenZhen XinDeYi Electr...
UD2410 XINDEYI-UD2410 Datasheet
875Kb / 4P
   N-Ch 20V Fast Switching MOSFETs
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com