Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTVX2602 Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc

Numer części MTVX2602
Szczegółowy opis  Managed 24 Port 10/100 Mbps Ethernet Switch
Download  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MTVX2602 Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc

  MTVX2602 Datasheet HTML 1Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 2Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 3Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 4Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 5Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 6Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 7Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 8Page - Zarlink Semiconductor Inc MTVX2602 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 147 page
background image
MVTX2602
Data Sheet
2
Zarlink Semiconductor Inc.
Classification based on:
- Port based priority
- VLAN Priority field in VLAN tagged frame
- DS/TOS field in IP packet
- UDP/TCP logical ports: 8 hard-wired and 8 programmable ports, including one programmable range
The precedence of the above classifications is programmable
QoS Support
• Supports IEEE 802.1p/Q Quality of Service with 4 transmission priority queues with delay bounded, strict priority, and
WFQ service disciplines
• Provides 2 levels of dropping precedence with WRED mechanism
• User controls the WRED thresholds
• Buffer management: per class and per port buffer reservations
• Port-based priority: VLAN priority in a tagged frame can be overwritten by the priority of Port VLAN ID
2 port trunking groups with up to 4 10/100 ports per group
Load sharing among trunked ports can be based on source MAC and/or destination MAC.
Port Mirroring to any two ports of 0-23 in managed mode or to a dedicated mirroring port or port 23 in
unmanaged mode
Full set of LED signals provided by a serial interface
Built-in MIB statistics counters
Recognizes Simple Bandwidth Management (SBM) and Resource Reservation Potocol (RSVP) packets and
forwards to CPU
Hardware auto-negotiation through serial management interface (MDIO) for Ethernet ports
Built-in reset logic triggered by system malfunction
Built-in self test for internal and external SRAM
I²C EEPROM for configuration


Podobny numer części - MTVX2602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers, 1 - 100 MHz and 40 - 400 MHz
MTV-50 MA-COM-MTV-50 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
Tyco Electronics
MTV-50PIN MACOM-MTV-50PIN Datasheet
127Kb / 1P
   Two-Way Power Dividers 1 - 100 MHz and 40 - 400 MHz
logo
M/A-COM Technology Solu...
MTV-50 MA-COM-MTV-50_15 Datasheet
56Kb / 2P
   Two-Way Power Dividers
logo
List of Unclassifed Man...
MTV003 ETC-MTV003 Datasheet
224Kb / 13P
   Microprocessor Compatible Monitor Controller
More results

Podobny opis - MTVX2602

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
MVTX2601 ZARLINK-MVTX2601 Datasheet
686Kb / 91P
   Unmanaged 24-Port 10/100 Mbps Ethernet Switch
logo
Microchip Technology
LAN9354 MICROCHIP-LAN9354 Datasheet
3Mb / 487P
   3-Port 10/100 Managed Ethernet Switch
01/27/15
logo
Zarlink Semiconductor I...
MVTX2604 ZARLINK-MVTX2604 Datasheet
2Mb / 173P
   Managed 24-Port 10/100 Mb 2 Port 1 Gb Ethernet Switch
logo
ORing Industrial Networ...
TES-3082GT-M12-BP1 ORING-TES-3082GT-M12-BP1 Datasheet
4Mb / 5P
   10-port managed Ethernet switch
logo
Vitesse Semiconductor C...
VSC7374 VITESSE-VSC7374 Datasheet
422Kb / 2P
   HawX-G24??- 24-Port 10/100/1000 Managed L2 Ethernet Switch
logo
ORing Industrial Networ...
IES-3082GC ORING-IES-3082GC Datasheet
1Mb / 4P
   10-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MVTX2802 ZARLINK-MVTX2802 Datasheet
1Mb / 154P
   Managed 4-Port 1000 Mbps Ethernet Switch
logo
ORing Industrial Networ...
TPS-9168GT-M12 ORING-TPS-9168GT-M12 Datasheet
628Kb / 7P
   24-port managed PoE Ethernet switch
IES-3240 ORING-IES-3240 Datasheet
1Mb / 4P
   Industrial 24-port managed Ethernet switch
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com