Zakładka z wyszukiwarką danych komponentów |
|
MVTX2801 Arkusz danych(PDF) 2 Page - Zarlink Semiconductor Inc |
|
MVTX2801 Arkusz danych(HTML) 2 Page - Zarlink Semiconductor Inc |
2 / 106 page MVTX2801 Data Sheet 2 Zarlink Semiconductor Inc. • Port-based Priority: VLAN Priority with Tagged frame can be overwritten by the priority of PVID • QoS features can be configured on a per port basis Control • Full Duplex Ethernet IEEE 802.3x Flow Control • Provides Ethernet Multicast and Broadcast Control • 2 Port Trunking groups, max of 3 ports per group (Trunking can be based on source MAC and/or destination MAC and source port) • LED signals provided by a serial or parallel interface • Synchronous Serial Interface and I2C interface in unmanaged mode. • Hardware auto-negotiation through serial management interface (MDIO) for Gigabit Ethernet ports, supports 10/100/1000 Mbps • BIST for internal and external SRAM-ZBT •I2C EEPROM or synchronous serial port for configuration • Packaged in 596-pin BGA Description The MVTX2800 family is a group of 1000 Mbps non-blocking Ethernet switch chips with on-chip address memory. A single chip provides a maximum of eight 1000 Mbps ports and a dedicated CPU interface with a 16/8-bit bus for managed and unmanaged switch applications. The MVTX2800 family consists of the following four products: • MVTX2804 8 Gigabit ports Managed • MVTX2803 8 Gigabit ports Unmanaged • MVTX2802 4 Gigabit ports Managed • MVTX2801 4 Gigabit ports Unmanaged The MVTX2801 supports up to 64K MAC addresses to aggregate traffic from multiple wiring closet stacks. The centralized shared-memory architecture allows a very high performance packet-forwarding rate of 11.904M packet per second at full wire speed. The chip is optimized to provide a low-cost, high performance workgroup, and wiring closet, layer 2 switching solution with 4 Gigabit Ethernet ports. One Frame Buffer Memory domain utilize cost effective, high-performance ZBT-SRAM with aggregated bandwidth of 8.5Gbps to support full wire speed on all external ports simultaneously. With Strict priority, Delay Bounded, and WRR transmission scheduling, plus WRED memory congestion scheme, the chip provides powerful QoS functions for convergent network multimedia and mission-critical applications. The chip provides 8 transmission priorities and 2 level drop precedence. Traffic is assigned its transmission priority and dropping precedence based on the frame VLAN Tag priority. The MVTX2801 supports port trunking/load sharing on the 1000 Mbps ports with fail-over capability. The port trunking/load sharing can be used to group ports between interlinked switches to increase the effective network bandwidth. In full-duplex mode, IEEE 802.3x flow control is provided. The Physical Coding Sublayer (PCS) is integrated on- chip to provide a direct 10-bit GMII interface, or the PCS can be bypassed to provide an interface to existing fiber- based Gigabit Ethernet transceivers. The MVTX2801 is fabricated using 0.25( µm technology. Inputs, however, are 3.3V tolerant and the outputs are capable of directly interfacing to LVTTL levels. The MVTX2801 is packaged in a 596-pin Ball Grid Array package. |
Podobny numer części - MVTX2801 |
|
Podobny opis - MVTX2801 |