Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1488 Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części MC1488
Szczegółowy opis  QUADRUPLE LINE DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

MC1488 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button MC1488 Datasheet HTML 3Page - Texas Instruments MC1488 Datasheet HTML 4Page - Texas Instruments MC1488 Datasheet HTML 5Page - Texas Instruments MC1488 Datasheet HTML 6Page - Texas Instruments MC1488 Datasheet HTML 7Page - Texas Instruments MC1488 Datasheet HTML 8Page - Texas Instruments MC1488 Datasheet HTML 9Page - Texas Instruments MC1488 Datasheet HTML 10Page - Texas Instruments MC1488 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MC1488, SN55188, SN75188
QUADRUPLE LINE DRIVERS
SLLS094C − SEPTEMBER 1983 − REVISED MAY 2004
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
THERMAL INFORMATION
MAXIMUM SUPPLY VOLTAGE
vs
FREE-AIR TEMPERATURE
RL ≥ 3 kΩ (from each output to GND)
14
12
10
8
6
4
2
100
75
50
25
0
−25
−50
0
125
16
TA − Free-Air Temperature − °C
−75
Figure 6
† Data for temperatures below 0°C and above 70°C are applicable to the SN55188 circuit only.
APPLICATION INFORMATION
Diodes placed in series with the VCC+ and VCC − leads protect
the SN55188/SN75188 in the fault condition in which the device
outputs are shorted to
±15 V, and the power supplies are at low
voltage and provide low-impedance paths to ground.
VCC +
VCC −
±15 V
Output
VCC +
VCC −
’188
’188
10 k
1 k
− 10 V to 0 V
Output to MOS
or SN75188
1/4 SN55188
− 0.7 V to 10 V
Output to HNIL
1/4 SN55188
or SN75188
− 0.7 V to 5.7 V
Output to DTL
5 V
1/4 SN55188
or SN75188
or SN75188
1/4 SN55188
− 0.7 V to 3.7 V
Output to RTL
3 V
− 12 V
VCC + = 12 V
VCC − = − 12 V
Figure 7. Logic Translator Applications
Figure 8. Power-Supply Protection to Meet
Power-Off Fault Conditions of
ANSI TIA / EIA-232-E


Podobny numer części - MC1488

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
157Kb / 8P
   QUAD MDTL LINE DRIVER EIA-232D
1996 REV 3
logo
STMicroelectronics
MC1488 STMICROELECTRONICS-MC1488 Datasheet
323Kb / 12P
   RS232C QUAD LINE DRIVER
logo
Texas Instruments
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
Motorola, Inc
MC1488 MOTOROLA-MC1488 Datasheet
323Kb / 12P
   RS-232C QUAD LINE DRIVER
logo
ON Semiconductor
MC1488 ONSEMI-MC1488 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
More results

Podobny opis - MC1488

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN75188DRG4 TI1-SN75188DRG4 Datasheet
878Kb / 20P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
MC1488 TI-MC1488 Datasheet
133Kb / 8P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
logo
LG Semicon Co.,Ltd.
GD75188 LG-GD75188 Datasheet
259Kb / 3P
   QUADRUPLE LINE DRIVERS
logo
KODENSHI_AUK CORP.
KK1488 KODENSHI-KK1488 Datasheet
277Kb / 5P
   Quadruple Line Drivers
logo
Texas Instruments
SN55ALS194 TI-SN55ALS194 Datasheet
150Kb / 11P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SN75ALS194NSR TI-SN75ALS194NSR Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
SNJ55ALS194J TI-SNJ55ALS194J Datasheet
894Kb / 22P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
AM26C31C TI-AM26C31C Datasheet
150Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE DRIVERS
REVISED SEPTEMBER 1998
SN75C188 TI-SN75C188_06 Datasheet
411Kb / 15P
[Old version datasheet]   QUADRUPLE LOW-POWER LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com