Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC7447RX867NB Arkusz danych(PDF) 9 Page - Motorola, Inc

Numer części MC7447RX867NB
Szczegółowy opis  PPC7457RX1000NB
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC7447RX867NB Arkusz danych(HTML) 9 Page - Motorola, Inc

Back Button MC7447RX867NB Datasheet HTML 4Page - Motorola, Inc MC7447RX867NB Datasheet HTML 5Page - Motorola, Inc MC7447RX867NB Datasheet HTML 6Page - Motorola, Inc MC7447RX867NB Datasheet HTML 7Page - Motorola, Inc MC7447RX867NB Datasheet HTML 8Page - Motorola, Inc MC7447RX867NB Datasheet HTML 9Page - Motorola, Inc MC7447RX867NB Datasheet HTML 10Page - Motorola, Inc MC7447RX867NB Datasheet HTML 11Page - Motorola, Inc MC7447RX867NB Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MOTOROLA
MPC7457 Part Number Specification for the MPC74x7RXnnnnNx Series
9
Ordering Information
1.11 Ordering Information
1.11.1 Part Numbers Addressed by This Specification
Table 22 provides the ordering information for the MPC7457 parts described in this document.
Table 22. Part Marking Nomenclature
xxx
74x7RX
nnnn
x
x
Product
Code
Part
Identifier
Package
Processor
Frequency 1
Application Modifier
Revision Level
PPC 2
7457
RX = CBGA
1000
N: 1.1 V ± 50 mV
0
° to 105°C
B: 1.1: PVR = 8002 0101
867
733
600
7447
1000
867
MC
7447
1000
867
733
600
Notes:
1. Processor core frequencies supported by parts addressed by this specification only. Parts addressed by other
specifications may support other maximum core frequencies.
2. The P prefix in a Motorola part number designates a “Pilot Production Prototype” as defined by Motorola SOP
3-13. These parts have only preliminary reliability and characterization data. Before pilot production prototypes
may be shipped, written authorization from the customer must be on file in the applicable sales office
acknowledging the qualification status and the fact that product changes may still occur while shipping pilot
production prototypes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Podobny numer części - MC7447RX867NB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
MC7447RX867NB NXP-MC7447RX867NB Datasheet
457Kb / 12P
   MPC7457 Hardware Specification Addendum for the MPC74n7RXnnnnNx Series
Rev. 3, 01/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com