Zakładka z wyszukiwarką danych komponentów |
|
SPI11N60C3 Arkusz danych(PDF) 4 Page - Infineon Technologies AG |
|
SPI11N60C3 Arkusz danych(HTML) 4 Page - Infineon Technologies AG |
4 / 14 page 2001-07-05 Page 4 SPP11N60C3, SPB11N60C3 SPI11N60C3 Preliminary data Electrical Characteristics, at Tj = 25 °C, unless otherwise specified Parameter Symbol Conditions Values Unit min. typ. max. Characteristics Inverse diode continuous forward current IS TC=25°C - - 11 A Inverse diode direct current, pulsed ISM - - 33 Inverse diode forward voltage VSD VGS=0V, IF=IS - 1 1.2 V Reverse recovery time trr VR=480V, IF=IS , diF/dt=100A/µs - 400 600 ns Reverse recovery charge Qrr - 6 - µC Peak reverse recovery current Irrm - 41 - A Peak rate of fall of reverse recovery current dirr/dt - 1200 - A/µs Transient Thermal Characteristics Symbol Value Unit Symbol Value Unit typ. typ. Thermal resistance Rth1 0.015 K/W Rth2 0.034 Rth3 0.056 Rth4 0.124 Rth5 0.143 Rth6 0.057 Thermal capacitance Cth1 0.0002121 Ws/K Cth2 0.0007091 Cth3 0.001184 Cth4 0.00254 Cth5 0.011 Cth6 0.092 E xternal H eatsink Tj Tcase Tamb C th1 C th2 R th1 R th,n C th,n P tot (t) |
Podobny numer części - SPI11N60C3 |
|
Podobny opis - SPI11N60C3 |