Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CLU720-1206C1 Arkusz danych(PDF) 3 Page - CITIZEN ELECTRONICS CO., LTD.

Numer części CLU720-1206C1
Szczegółowy opis  High intensity Type
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Strona internetowa  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CLU720-1206C1 Arkusz danych(HTML) 3 Page - CITIZEN ELECTRONICS CO., LTD.

  CLU720-1206C1_17 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CLU720-1206C1_17 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Ref.CE-0091P-201711
2. Performance Characteristics
2-1. Electro Optical Characteristics
2-2. Absolute Maximum Ratings
3
( Tj=85C )
Tc=25C*
Min.
Typ.
Min.
Typ.
Typ.
Typ.
Min.
Typ.
Max.
CLU720-1206C1-41GV1J8
White
-
95
3,259
3,835
3,974
97
1,050
34.5
37.6
40.7
0.92
CLU720-1206C1-33GV1J8
Warm
-
95
3,051
3,590
3,720
91
1,050
34.5
37.6
40.7
0.92
CLU720-1206C1-31GV1J8
Warm Plus
-
95
2,975
3,500
3,627
89
1,050
34.5
37.6
40.7
0.92
CLU720-1206C1-27GV1J9
Warm Plus2
-
95
2,520
2,965
3,072
75
1,050
34.5
37.6
40.7
0.92
Notes :
1. Citizen Electronics maintains forward voltage +/-3%, luminous flux +/-10%, Ra +/-1.
*Values of Luminous flux at Tc=25C are provided as reference only.
Thermal
Resistance
Rj-c
( C/W )
Tj=85C
Efficacy
( lm/W )
CRI
Product code
Nominal
CCT
Luminous flux
( lm )
Forward
Current
( mA )
Voltage
( V )
Ra
Symbol
Rating
Pi
61.7
*1
If
1380
*1
Ir
1
Top
-40 ~ +100
Tst
-40 ~ +100
Tc
105
*2
Tj
140
*3
Parameter
Input Power (W)
Forward Current (mA)
Reverse Current (mA)
*1. Input power and forward current are the values when the LED is used within
the range of the derating characteristics in this data sheet.
*2. Refer to 3. Outline drawing for Tc measurement point.
Storage Temperature (C)
Case Temperature (C)
Junction Temperature (C)
Operating Temperature (C)
*3. D.C. Current : Tj = Tc + Rj-c×Pi


Podobny numer części - CLU720-1206C1_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CITIZEN ELECTRONICS CO....
CLU720-1206C1-27GV1J9 CITIZEN-CLU720-1206C1-27GV1J9 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1-31GV1J8 CITIZEN-CLU720-1206C1-31GV1J8 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1-33GV1J8 CITIZEN-CLU720-1206C1-33GV1J8 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
CLU720-1206C1-41GV1J8 CITIZEN-CLU720-1206C1-41GV1J8 Datasheet
726Kb / 14P
   CITILED VIVID Series High intensity Type
More results

Podobny opis - CLU720-1206C1_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CITIZEN ELECTRONICS CO....
CLU700-0603C1 CITIZEN-CLU700-0603C1_17 Datasheet
645Kb / 14P
   High intensity Type
CLU710-1204C1 CITIZEN-CLU710-1204C1_17 Datasheet
585Kb / 14P
   High intensity Type
CLU700-1002C1 CITIZEN-CLU700-1002C1_17 Datasheet
647Kb / 14P
   High intensity Type
CLU700-0303C1 CITIZEN-CLU700-0303C1_17 Datasheet
648Kb / 14P
   High intensity Type
CLU700-0602C1 CITIZEN-CLU700-0602C1_17 Datasheet
647Kb / 14P
   High intensity Type
CLU721-1206C4 CITIZEN-CLU721-1206C4_17 Datasheet
571Kb / 14P
   High Intensity COB Natural Type
CLU701-0303C4 CITIZEN-CLU701-0303C4_17 Datasheet
567Kb / 14P
   High Intensity COB Natural Type
CLU701-1002C4 CITIZEN-CLU701-1002C4_17 Datasheet
566Kb / 14P
   High Intensity COB Natural Type
CLU711-1204C4 CITIZEN-CLU711-1204C4_17 Datasheet
568Kb / 14P
   High Intensity COB Natural Type
CLU700-1002C1 CITIZEN-CLU700-1002C1 Datasheet
711Kb / 14P
   CITILED VIVID Series High intensity Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com