Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CC10-1212SR-E Arkusz danych(PDF) 1 Page - TDK Electronics

Numer części CC10-1212SR-E
Szczegółowy opis  DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

CC10-1212SR-E Arkusz danych(HTML) 1 Page - TDK Electronics

  CC10-1212SR-E Datasheet HTML 1Page - TDK Electronics CC10-1212SR-E Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converters
1 of 1
Creation Date : March 05, 2019 (GMT)
CC10-1212SR-E
Sales Region
Worldwide
Series
CC-E
Status
Production
Option
SMD type
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Rated Input Voltage[DC]
12V
Input Voltage Range[DC]
9 to 18V
Efficiency
88% Typ.
Rated Output Voltage[DC]
12V
Output Voltage Range[DC]
11.4 to 15V
Maximum Output Current
Maximum Ripple Noise
120mV
Maximum Output Power
12W
Withstanding Voltage1
Input - Case: 500VAC: 1min.
Withstanding Voltage2
Input - Output: 500VAC: 1min.
Withstanding Voltage3
Output - Case: 500VAC: 1min.
Cases Shape & Size
Case’s shape
On board/Power module
Width(W)
35.56mm Nom.
Height(H)
8.8mm Nom.
Depth(D)
22.6mm Nom.
Weight
10g Typ.
Industry Standard Size
Terminal Style
SMD
Other
Operating Temp. Range
-40 to 85°C
Isolated / Non-isolated
Isolated
Feature
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1 (C-UL)
EN60950-1 (NEMKO)
Safety Standard(Conformed)


Podobny numer części - CC10-1212SR-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
CC10-1212SR-E TDK-CC10-1212SR-E Datasheet
5Mb / 25P
   Insulation type DC-DC converter
More results

Podobny opis - CC10-1212SR-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
   DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
   DC-DC Converters
logo
Emerson Network Power
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
   DC-DC CONVERTERS
logo
Central Technologies
CTDD1605S-D CT-CTDD1605S-D Datasheet
205Kb / 2P
   DC/DC Converters
CTDD1712MF-SU1K-2 CT-CTDD1712MF-SU1K-2 Datasheet
536Kb / 2P
   DC/DC Converters
CTDD3220DF-S1.5K-5M CT-CTDD3220DF-S1.5K-5M Datasheet
282Kb / 2P
   DC/DC Converters
CTDD1907SF-D1K-2 CT-CTDD1907SF-D1K-2 Datasheet
258Kb / 2P
   DC/DC Converters
CTDD1907SF-DU3K-2 CT-CTDD1907SF-DU3K-2 Datasheet
185Kb / 2P
   DC/DC Converters
CTDD5025DF-S1K-10M CT-CTDD5025DF-S1K-10M Datasheet
244Kb / 2P
   DC/DC Converters
logo
Central Semiconductor C...
CTDD5025DF-2403-30M CENTRAL-CTDD5025DF-2403-30M Datasheet
443Kb / 2P
   DC/DC Converters
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
   DC-DC Converters
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com