Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1200C18K1 Arkusz danych(PDF) 1 Page - International Rectifier

Numer części ST1200C18K1
Szczegółowy opis  PHASE CONTROL THYRISTORS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

ST1200C18K1 Arkusz danych(HTML) 1 Page - International Rectifier

  ST1200C18K1 Datasheet HTML 1Page - International Rectifier ST1200C18K1 Datasheet HTML 2Page - International Rectifier ST1200C18K1 Datasheet HTML 3Page - International Rectifier ST1200C18K1 Datasheet HTML 4Page - International Rectifier ST1200C18K1 Datasheet HTML 5Page - International Rectifier ST1200C18K1 Datasheet HTML 6Page - International Rectifier ST1200C18K1 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1650A
PHASE CONTROL THYRISTORS
Hockey Puk Version
ST1200C..K SERIES
1
Bulletin I25196 rev. B 01/00
www.irf.com
Features
Center amplifying gate
Metal case with ceramic insulator
International standard case A-24 (K-PUK)
High profile hockey-puk
Typical Applications
DC motor controls
Controlled DC power supplies
AC controllers
I
T(AV)
1650
A
@ T
hs
55
°C
I
T(RMS)
3080
A
@ T
hs
25
°C
I
TSM
@ 50Hz
30500
A
@ 60Hz
32000
A
I2t@ 50Hz
4651
KA2s
@ 60Hz
4250
KA2s
V
DRM
/V
RRM
1200 to 2000
V
t
q
typical
200
µs
T
J
- 40 to 125
°C
Parameters
ST1200C..K
Units
Major Ratings and Characteristics
case style A-24 (K-PUK)


Podobny numer części - ST1200C18K1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
ST1200C18K1 VISHAY-ST1200C18K1 Datasheet
169Kb / 9P
   Phase Control Thyristors
Revision: 09-Jan-15
ST1200C18K1LP VISHAY-ST1200C18K1LP Datasheet
146Kb / 8P
   Phase Control Thyristors (Stud Version), 1650 A
Revision: 23-Apr-10
More results

Podobny opis - ST1200C18K1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
ST730C08L0 IRF-ST730C08L0 Datasheet
82Kb / 8P
   PHASE CONTROL THYRISTORS
logo
IXYS Corporation
CS8-08IO2 IXYS-CS8-08IO2 Datasheet
51Kb / 3P
   Phase Control Thyristors
logo
International Rectifier
110RKI IRF-110RKI Datasheet
136Kb / 8P
   PHASE CONTROL THYRISTORS
logo
Vishay Siliconix
ST300C08C0L VISHAY-ST300C08C0L Datasheet
238Kb / 9P
   Phase Control Thyristors
Revision: 25-Nov-13
VS-180RKI40 VISHAY-VS-180RKI40 Datasheet
194Kb / 9P
   Phase Control Thyristors
Revision: 11-Mar-14
VS-ST780CL VISHAY-VS-ST780CL Datasheet
237Kb / 9P
   Phase Control Thyristors
Revision: 15-Apr-14
logo
AEGIS SEMICONDUTORES LT...
A5N:1000.22H AEGIS-A5N:1000.22H Datasheet
333Kb / 4P
   Phase Control Thyristors
A5N:1400.16 AEGIS-A5N:1400.16 Datasheet
319Kb / 4P
   Phase Control Thyristors
logo
IXYS Corporation
CS300-12IO3 IXYS-CS300-12IO3 Datasheet
66Kb / 3P
   Phase Control Thyristors
CS1011-18IO1 IXYS-CS1011-18IO1 Datasheet
28Kb / 2P
   Phase Control Thyristors
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com