Zakładka z wyszukiwarką danych komponentów |
|
ST1200C18K1L Arkusz danych(PDF) 4 Page - International Rectifier |
|
ST1200C18K1L Arkusz danych(HTML) 4 Page - International Rectifier |
4 / 7 page ST1200C..K Series 4 Bulletin I25196 rev.B 01/00 www.irf.com T J Max. operating temperature range -40 to 125 T stg Max. storage temperature range -40 to 150 R thJ-hs Max. thermal resistance, 0.042 DC operation single side cooled junction to heatsink 0.021 DC operation double side cooled R thC-hs Max. thermal resistance, 0.006 DC operation single side cooled case to heatsink 0.003 DC operation double side cooled F Mounting force, ± 10% 24500 N (2500) (Kg) wt Approximate weight 425 g Parameter ST1200C..K Units Conditions K/W °C Case style A-24 (K-PUK) See Outline Table K/W Thermal and Mechanical Specification Single Side Double Side Single Side Double Side 180° 0.003 0.003 0.002 0.002 T J = T J max. 120° 0.004 0.004 0.004 0.004 90° 0.005 0.005 0.005 0.005 K/W 60° 0.007 0.007 0.007 0.007 30° 0.012 0.012 0.012 0.012 Sinusoidal conduction Rectangular conduction Conduction angle Units Conditions ∆R thJ-hs Conduction (The following table shows the increment of thermal resistence R thJ-hs when devices operate at different conduction angles than DC) 1 - Thyristor 2 - Essential part number 3 - 0 = Converter grade 4 - C = Ceramic Puk 5 - Voltage code: Code x 100 = V RRM (See Voltage Rating Table) 6 - K = Puk Case A-24 (K-PUK) 7 - 0 = Eyelet terminals (Gate and Auxiliary Cathode Unsoldered Leads) 1 = Fast-on terminals (Gate and Auxiliary Cathode Unsoldered Leads) 2 = Eyelet terminals (Gate and Auxiliary Cathode Soldered Leads) 3 = Fast-on terminals (Gate and Auxiliary Cathode Soldered Leads) 8 - Critical dv/dt: None = 500V/µsec (Standard selection) L = 1000V/µsec (Special selection) Ordering Information Table Device Code 5 1 2 3 4 ST 120 0 C 20 K 1 7 6 8 |
Podobny numer części - ST1200C18K1L |
|
Podobny opis - ST1200C18K1L |