Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AFBR-S20W1XX Arkusz danych(PDF) 1 Page - Broadcom Corporation.

Numer części AFBR-S20W1XX
Szczegółowy opis  Compact USB Spectrometer Combining Excellent Technical Specifications with Outstanding Spectroscopy Software
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOARDCOM [Broadcom Corporation.]
Strona internetowa  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFBR-S20W1XX Arkusz danych(HTML) 1 Page - Broadcom Corporation.

  AFBR-S20W1XX Datasheet HTML 1Page - Broadcom Corporation. AFBR-S20W1XX Datasheet HTML 2Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Data Sheet
Broadcom Spectroscopy
Key Features
• Spectral resolution from 0.2 nm
• High sensitivity
• Exceptional thermal stability
• Includes sophisticated spectroscopy
software
Applications
• Light analysis
• Chemical research
• Raman spectroscopy
• Forensic analysis
• System integration
• Process control and monitoring
• Biomedical applications
• Quality control
• Environmental measurements
Overview
With its focal length of 75 mm, the Qwave offers technical specifications
that you would normally expect to find in much larger spectrometers.
Combined with our unique spectroscopy software, Waves, it is the ideal
spectroscopic instrument for applications that require a resolution of 0.2 to
0.5 nm and a numerical aperture of up to 0.10.
Compact USB Spectrometer Combining
Excellent Technical Specifications with
Outstanding Spectroscopy Software
Qwave AFBR-S20W1XX
Specifications
Focal length
75 mm
Grating
600 lines/mm
Entrance slit
20 μm (default)
Dynamic range
1500:1
Numerical aperture
0.10
Stray light
<0.1 %
Exposure time range
100 μs to 600s
Detector
3648-pixel linear CCD detector
A/D converter
16-bit 15 MHz
Calibration
Wavelength, sensitivity, nonlinearity, and multiple dark spectra
stored within device
Transfer speed to PC
40 ms per spectrum
Optical interface
SMA connector
Digital Interfaces
USB 2.0
Dimensions
89.5 mm × 68.0 mm × 19.5 mm
Weight
155g
Operating temperature
−15°C to 60°C (non-condensing)
Storage temperature
−25°C to 70°C
Power consumption
5V DC, 200 mA (supplied via USB)
PC operating system
Windows 10, 8, 7, Vista, XP
Part Number
Product Configuration
Wavelength Range
Spectral Resolution
AFBR-S20W1UV
Qwave UV
220 nm to 400 nm
0.2 nm
AFBR-S20W1VI
Qwave VIS
350 nm to 880 nm
0.5 nm
AFBR-S20W1NI
Qwave NIR
700 nm to 1040 nm
0.4 nm


Podobny numer części - AFBR-S20W1XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
AFBR-S20M2NI BOARDCOM-AFBR-S20M2NI Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
AFBR-S20M2UV BOARDCOM-AFBR-S20M2UV Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
AFBR-S20M2VI BOARDCOM-AFBR-S20M2VI Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
AFBR-S20M2VN BOARDCOM-AFBR-S20M2VN Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
AFBR-S20M2WU BOARDCOM-AFBR-S20M2WU Datasheet
267Kb / 2P
   Miniature Spectrometer with Onboard Processing for Mobile Applications and Industrial Integration
More results

Podobny opis - AFBR-S20W1XX

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Broadcom Corporation.
AFBR-S20R1XX BOARDCOM-AFBR-S20R1XX Datasheet
351Kb / 2P
   Ultra-Compact NIR Spectrometer with Cooled High-Performance Image Sensor
logo
American Microsemicondu...
AMS-G2M AMMSEMI-AMS-G2M Datasheet
374Kb / 2P
   Technical Specifications
AMS-CL03-15T AMMSEMI-AMS-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
logo
List of Unclassifed Man...
EBH500 ETC2-EBH500 Datasheet
50Kb / 1P
   Technical Specifications
DSA815 ETC1-DSA815 Datasheet
422Kb / 10P
   Technical Specifications
logo
American Microsemicondu...
CL03-15T AMMSEMI-CL03-15T Datasheet
499Kb / 1P
   Technical Specifications
H21B2 AMMSEMI-H21B2 Datasheet
1Mb / 4P
   Technical Specifications
1N6622 AMMSEMI-1N6622 Datasheet
175Kb / 1P
   Technical Specifications
2CLGXKV AMMSEMI-2CLGXKV Datasheet
285Kb / 2P
   Technical Specifications
SD400R08PV AMMSEMI-SD400R08PV Datasheet
410Kb / 2P
   Technical Specifications
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com