Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

P004-L03 Arkusz danych(PDF) 2 Page - Tripp Lite. All Rights Reserved

Numer części P004-L03
Szczegółowy opis  C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 3 ft.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRIPPLITE [Tripp Lite. All Rights Reserved]
Strona internetowa  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

P004-L03 Arkusz danych(HTML) 2 Page - Tripp Lite. All Rights Reserved

  P004-L03 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved P004-L03 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved P004-L03 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
OVERVIEW
UPC Code
037332218179
Country/Region
Global
INPUT
Maximum Input Amps
10
Cable Length (ft.)
3
Cable Length (m)
0.9
Cable Length (in.)
36
Voltage Compatibility (VAC)
100-250
PHYSICAL
Power Cord Jacket Type
SJT
Wire Gauge (AWG)
18
Wire Gauge (OD - mm²)
0.82
Shipping Dimensions (hwd / in.)
10.00 x 7.09 x 0.50
Shipping Dimensions (hwd / cm)
25.40 x 18.01 x 1.27
Shipping Weight (lbs.)
0.27
Shipping Weight (kg)
0.12
Color
Black
Number of Conductors
3
ENVIRONMENTAL
Operating Temperature Range
-4 to 221 F (-20 to 105 C)
Storage Temperature Range
-4 to 221 F (-20 to 105 C)
Operating Humidity Range
0-65% RH
CONNECTIONS
Side A - Connector 1
IEC-320-C14
Side B - Connector 1
IEC-320-C13 - LOCKING
SPECIAL FEATURES
High Voltage
Yes
Heavy-Duty
No
Locking Plug
Yes
CERTIFICATIONS
2 / 3


Podobny numer części - P004-L03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L06 TRIPPLITE-P004-L06 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
More results

Podobny opis - P004-L03

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tripp Lite. All Rights ...
P004-L06 TRIPPLITE-P004-L06 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 6 ft.
P004-L10 TRIPPLITE-P004-L10 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 10 ft.
P004-L04 TRIPPLITE-P004-L04 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 4 ft.
P004-L01 TRIPPLITE-P004-L01 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 1 ft.
P004-L02 TRIPPLITE-P004-L02 Datasheet
165Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU-Style, Locking C13 Connector, 10A, 18 AWG, 2 ft.
P004-003-AGN TRIPPLITE-P004-003-AGN Datasheet
175Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., Green
P004-003-AWH TRIPPLITE-P004-003-AWH Datasheet
167Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., White
P004-003-AOR TRIPPLITE-P004-003-AOR Datasheet
178Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., Orange
P004-003-ARD TRIPPLITE-P004-003-ARD Datasheet
180Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., Red
P004-003-ABL TRIPPLITE-P004-003-ABL Datasheet
178Kb / 3P
   C14 Male to C13 Female Power Cable, C13 to C14 PDU Style - 10A, 250V, 18 AWG, 3 ft., Blue
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com