Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

D1070C Arkusz danych(PDF) 4 Page - Nell Semiconductor Co., Ltd

Numer części D1070C
Szczegółowy opis  Standard Recovery Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NELLSEMI [Nell Semiconductor Co., Ltd]
Strona internetowa  http://www.nellsemi.com
Logo NELLSEMI - Nell Semiconductor Co., Ltd

D1070C Arkusz danych(HTML) 4 Page - Nell Semiconductor Co., Ltd

  D1070C_17 Datasheet HTML 1Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 2Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 3Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 4Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 5Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 6Page - Nell Semiconductor Co., Ltd D1070C_17 Datasheet HTML 7Page - Nell Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Fig.7 Maximum non-repetitive surge current
single and double side cooled
Fig.8 Maximum non-repetitive surge current
single and double side cooled
Number of equal amplitude half cycle
current pulses (N)
Pulse train duration (S)
1
10
100
9000
8000
7000
6000
5000
4000
3000
3000
4000
5000
11000
8000
9000
10000
7000
6000
12000
0.01
0.1
1
initial T = 150°C
J
@ 60Hz 0.0083 s
@ 50Hz 0.0100 s
Versus Pulse Train Duration.
Initial T = 150°C
J
No Voltage Reapplied @50Hz
Rated V
Reapplied @50Hz
RRM
10000
11000
At Any Rated Load Condition And With
Rated V
Applied Following Surge
RRM
Maximum Non Repetitive Surge Current
3600V to 4500V
Fig.9 Current ratings characteristics
Fig.10 Current ratings characteristics
Average forward current (A)
Average forward current (A)
120
100
80
60
40
0
200
400
Fig.11 Current ratings characteristics
Fig.12 Current ratings characteristics
Average forward current (A)
Average forward current (A)
600
800
140
140
120
100
40
30
20
150
130
0
400
800
150
120
100
80
60
40
140
20
0
400
800
1200 1400
200
800
1400
400
1200
0
150
110
90
70
50
130
1200
2400
60
50
80
70
90
110
600
1000
30
70
50
130
90
110
100
80
60
70
90
50
40
30
20
150
140
130
120
110
5000V to 6000V
(Single side cooled)
R
(DC) = 0.073K/W
thJ-hs
120°
90°
60°
30°
Conduction Period
30°
60°
90°
120°
180°
DC
200
600
200
600
1000
30°
60°
90°
120°
180°
1600 2000
30°
60°
90°
120°
180°
DC
Conduction Period
Conduction Angle
Conduction Angle
5000V to 6000V
(Single side cooled)
R
(DC) = 0.073K/W
thJ-hs
5000V to 6000V
(Double side cooled)
R
(DC) = 0.031K/W
thJ-hs
5000V to 6000V
(Double side cooled)
R
(DC) = 0.031K/W
thJ-hs
180°
Page 4 of 7
www.nellsemi.com
3600V to 4500V
RoHS
RoHS
Nell High Power Products
D1070C Series


Podobny numer części - D1070C_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
More results

Podobny opis - D1070C_17

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com