Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MTW15-51515-V Arkusz danych(PDF) 1 Page - TDK Electronics

Numer części MTW15-51515-V
Szczegółowy opis  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TDK [TDK Electronics]
Strona internetowa  http://www.tdk.com
Logo TDK - TDK Electronics

MTW15-51515-V Arkusz danych(HTML) 1 Page - TDK Electronics

  MTW15-51515-V Datasheet HTML 1Page - TDK Electronics MTW15-51515-V Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AC-DC Power Supplies
1 of 1
Creation Date : February 13, 2019 (GMT)
MTW15-51515-V
Sales Region
Worldwide
Series
MTW
Status
Production
Feature
Option
With output voltage trimmer
Option Lineup
Please refer to here.
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Input Voltage Range[AC]
85 to 265V
Input Voltage Range[DC]
Efficiency
70% Typ.
Rated Output Voltage[DC]
+5V +15V -15V
Output Voltage Range[DC]
+5 to
+5.25V
Fixed
Fixed
Minimum Output Current
Maximum Output Current
2A
0.3A 0.2A
Maximum Average Current
Maximum Peak Current
3A
0.6A 0.3A
Total Maximum(Average) Output Power
17.5W
Total Maximum Peak Power
Cases Shape & Size
Case’s shape
PC board
Width(W)
50mm Nom.
Height(H)
26mm Nom.
Depth(D)
127mm Nom.
Weight
150g Typ.
Other
Operating Temp. Range
-10 to 60°C
Cooling
Convection cooling
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1 (C-UL)
EN60950-1
Safety Standard(Conformed)
Den-an


Podobny numer części - MTW15-51515-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TDK Electronics
MTW15-51515 TDK-MTW15-51515 Datasheet
294Kb / 2P
   15W to 60W Low Profi le Triple Output Power Supplies
MTW15-51515 TDK-MTW15-51515 Datasheet
134Kb / 2P
   AC-DC Power Supplies
More results

Podobny opis - MTW15-51515-V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com