Zakładka z wyszukiwarką danych komponentów |
|
TS5A2053 Arkusz danych(PDF) 1 Page - Texas Instruments |
|
|
TS5A2053 Arkusz danych(HTML) 1 Page - Texas Instruments |
1 / 23 page TS5A2053 SINGLECHANNEL 10 W SPDT ANALOG SWITCH WITH ENABLE SCDS183 – JANUARY 2005 Description The TS5A2053 is a single-pole double-throw (SPDT) analog switch that is designed to operate from 1.65 V to 5.5 V. This device can handle both digital and analog signals, and signals up to V+ can be transmitted in either direction. Applications D Cell Phones D Portable Audio Video Equipment D Battery-Powered Equipment D Low-Voltage Data Acquisition Systems D Test Equipment D Communication Circuits SSOP OR VSSOP PACKAGE (TOP VIEW) 1 2 3 4 8 7 6 5 COM EN GND GND NO NC V+ IN Logic Control YEP OR YZP PACKAGE (BOTTOM VIEW) 1 2 3 4 8 7 6 5 COM EN GND GND NO NC V+ IN Logic Control FUNCTION TABLE EN IN NC TO COM, COM TO NC NO TO COM, COM TO NO L L ON OFF L H OFF ON H X OFF OFF Features D Low ON-State Resistance (10 W) D Control Inputs Are 5-V Tolerant D Low Charge Injection D Excellent ON-Resistance Matching D Low Total Harmonic Distortion (THD) D 1.65-V to 5.5-V Single-Supply Operation D Latch-Up Performance Exceeds 100 mA Per JESD 78, Class II D ESD Performance Tested Per JESD 22 − 2000-V Human-Body Model (A114-B, Class II) − 1000-V Charged-Device Model (C101) Summary of Characteristics V+ = 5 V and TA = 25 °C Configuration Single Pole Double Throw (SPDT) Number of channels 1 ON-state resistance (ron) 7.5 Ω ON-state resistance match ( ∆ron) 0.8 Ω ON-state resistance flatness (ron(flat)) 1.7 Ω Turn-on/turn-off time (tON/tOFF) 6.8 ns/4.1 ns Charge injection (QC) 3 pC Bandwidth (BW) 330 MHz OFF isolation (OISO) −64 dB at 10 MHz Crosstalk (XTALK) −68 dB at 10 MHz Total harmonic distortion (THD) 0.01% Leakage current (ICOM(OFF)) ±10 nA Power-supply current (I+) 0.1 µA Package option 8-pin DSBGA, SSOP, or VSSOP PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. www.ti.com Copyright 2005, Texas Instruments Incorporated |
Podobny numer części - TS5A2053 |
|
Podobny opis - TS5A2053 |