Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H27UCG8T2BTR-BC Arkusz danych(PDF) 18 Page - Hynix Semiconductor

Numer części H27UCG8T2BTR-BC
Szczegółowy opis  64Gb(8192M x 8bit) MLC NAND Flash
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  HYNIX [Hynix Semiconductor]
Strona internetowa  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

H27UCG8T2BTR-BC Arkusz danych(HTML) 18 Page - Hynix Semiconductor

Back Button H27UCG8T2BTR-BC Datasheet HTML 14Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 15Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 16Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 17Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 18Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 19Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 20Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 21Page - Hynix Semiconductor H27UCG8T2BTR-BC Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 56 page
background image
H27UCG8T2BTR-BC
64Gb(8192M x 8bit) MLC NAND Flash
Rev 0.1 / Oct. 2012
18
Symbol
Parameter
Test Condition
Min
Max
Unit
CIN
Input Capacitance
VIN = 0V
-
10
pF
CI/O
Input/Output Capacitance
VIL = 0V
-
10
pF
Parameter
Symbol
Min
Typ
Max
Unit
Program (following 10h)
tPROG
-
1500
4000
us
Cache Program (following 15h)
tCBSYW
-
-
4000
us
Multi-plane Program / Multi-plane Cache Program /
Multi-plane Copy-back Program (following 11h)
tDBSY
-
0.5
3
us
Cache Read / Multi-plane Cache Read
(following 31h/3Fh)
tCBSYR
3
90
us
Block Erase / Multi-plane Block Erase
tBERS
-
5
10
ms
Number of partial Program Cycles in the same page
NOP
-
-
1
cycles
Notes:
Typical value is measured at VCC=3.3V, TA=25℃. Not 100% tested.
2.5. Pin Capacitance (TA=25℃, F=1.0㎒)
2.6. Program/ Read / Erase Characteristics


Podobny numer części - H27UCG8T2BTR-BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Hynix Semiconductor
H27UCG8T2B HYNIX-H27UCG8T2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
More results

Podobny opis - H27UCG8T2BTR-BC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
S846-SAS ETC2-S846-SAS Datasheet
250Kb / 2P
   MLC Nand Flash
logo
Hynix Semiconductor
H27UAG8T2B HYNIX-H27UAG8T2B Datasheet
1Mb / 61P
   16Gb (2048M x 8bit) NAND Flash
logo
Toshiba Semiconductor
TH58V128FT TOSHIBA-TH58V128FT Datasheet
1Mb / 32P
   128Mbit (16M x 8bit) CMOS NAND E2PROM
logo
Hynix Semiconductor
H27U1G8F2B HYNIX-H27U1G8F2B Datasheet
87Kb / 5P
   NAND Flash(SLC,MLC,eMMC,E2NAND3.0,(Solid State Drive))
logo
Toshiba Semiconductor
TC5832DC TOSHIBA-TC5832DC Datasheet
1Mb / 38P
   32 MBIT (4M x 8BIT) CMOS NAND E2PROM
TH58V128DC TOSHIBA-TH58V128DC Datasheet
1Mb / 32P
   128 Mbit (16M x 8bit) CMOS NAND E2PROM (16M BYTE SmartMedia??
logo
WAGO Kontakttechnik Gmb...
752-9400 WAGO-752-9400 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 4GB RAM; 64GB FLASH
752-9401 WAGO-752-9401 Datasheet
277Kb / 3P
   Edge Computer; 2 x ETHERNET, 4 x USB, HDMI, DP; 8GB RAM; 64GB FLASH
logo
Samsung semiconductor
K9F6408U0B-TCB0 SAMSUNG-K9F6408U0B-TCB0 Datasheet
416Kb / 27P
   8M x 8 Bit NAND Flash Memory
K9F1208U0M- SAMSUNG-K9F1208U0M- Datasheet
1Mb / 41P
   64M x 8 Bit NAND Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com