Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TM022HDH26 Arkusz danych(PDF) 17 Page - List of Unclassifed Manufacturers

Numer części TM022HDH26
Szczegółowy opis  Preliminary Specification
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

TM022HDH26 Arkusz danych(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button TM022HDH26 Datasheet HTML 13Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 14Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 15Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 16Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 17Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 18Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 19Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 20Page - List of Unclassifed Manufacturers TM022HDH26 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
SHANGHAI TIANMA MICRO-ELECTRONICS
TM022HDH26 V1.0
The information contained herein is the exclusive property of SHANGHAI TIANMA MICRO-ELECTRONICS
Corporation, and shall not be distributed, reproduced, or disclosed in whole or in part without prior written
permission of SHANGHAI TIANMA MICRO-ELECTRONICS Corporation.
Page 17 of 23
Note 3:
Definition of contrast ratio
“White state “: The state is that the LCD should be driven by Vwhite.
“Black state”: The state is that the LCD should be driven by Vblack.
Vwhite: To be determined
Vblack: To be determined.
Note 4: Definition of Response time
The response time is defined as the LCD optical switching time interval between “White” state and
“Black” state. Rise time (TON) is the time between photo detector output intensity changed from
90% to 10%. And fall time (TOFF) is the time between photo detector output intensity changed from
10% to 90%.
Note 5:
Definition of color chromaticity (CIE1931)
Color coordinates measured at center point of LCD.


Podobny numer części - TM022HDH26

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GSR Technology Ltd
TM022HDHT11 GSR-TM022HDHT11 Datasheet
321Kb / 2P
   TFT Modules
More results

Podobny opis - TM022HDH26

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
TFS43A VECTRON-TFS43A Datasheet
68Kb / 5P
   Preliminary Specification
TFS85F VECTRON-TFS85F Datasheet
127Kb / 5P
   Preliminary specification
logo
Shenzhen TOPWAY Technol...
LMT070DNDFWD TOPWAY-LMT070DNDFWD Datasheet
1Mb / 21P
   Preliminary Specification
logo
List of Unclassifed Man...
LC104S1 ETC1-LC104S1 Datasheet
708Kb / 28P
   PRELIMINARY SPECIFICATION
logo
Shenzhen TOPWAY Technol...
LMT040DNPFWD TOPWAY-LMT040DNPFWD Datasheet
1Mb / 23P
   Preliminary Specification
logo
Vectron International, ...
TFS400K VECTRON-TFS400K Datasheet
156Kb / 5P
   Preliminary Specification
TFS525 VECTRON-TFS525 Datasheet
73Kb / 5P
   Preliminary specification
TFS238A VECTRON-TFS238A Datasheet
113Kb / 5P
   Preliminary Specification
TFS868B VECTRON-TFS868B Datasheet
72Kb / 5P
   Preliminary specification
TFS1960 VECTRON-TFS1960 Datasheet
74Kb / 5P
   Preliminary Specification
TFS100C VECTRON-TFS100C Datasheet
39Kb / 5P
   Preliminary Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com