Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TM1628 Arkusz danych(PDF) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

Numer części TM1628
Szczegółowy opis  CMOS Technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TITAN [Shenzhen Titan Micro Electronics Co., Ltd.]
Strona internetowa  http://www.titanmec.com/index.php/en/
Logo TITAN - Shenzhen Titan Micro Electronics Co., Ltd.

TM1628 Arkusz danych(HTML) 5 Page - Shenzhen Titan Micro Electronics Co., Ltd.

  TM1628 Datasheet HTML 1Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 2Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 3Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 4Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 5Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 6Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 7Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 8Page - Shenzhen Titan Micro Electronics Co., Ltd. TM1628 Datasheet HTML 9Page - Shenzhen Titan Micro Electronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
深圳市天微电子有限公司
S
S
S
SH
H
H
HE
E
E
EN
N
N
NZH
ZH
ZH
ZHE
E
E
EN
N
N
N TI
TI
TI
TIT
T
T
TA
A
A
AN
N
N
N M
M
M
M IIIIC
C
C
CR
R
R
RO
O
O
O E
E
E
EL
L
L
LE
E
E
EC
C
C
CT
T
T
TR
R
R
RO
O
O
ON
N
N
NIIII C
C
C
CS
S
S
S C
C
C
CO
O
O
O.... ,,,,L
L
L
LT
T
T
TD
D
D
D....
set. When power is turned ON, the address is set at 00H.
Please refer to the diagram below.
MSB
LSB
Address: 00H to 0DH
DISPLAY
DISPLAY
DISPLAY
DISPLAY MODE
MODE
MODE
MODE AND
AND
AND
AND RAM
RAM
RAM
RAM ADDRE
ADDRE
ADDRE
ADDRES
S
S
SS
S
S
S
Data transmitted from an external device to TM1628 via the serial
interface are stored in the Display RAM and are assigned addresses. The
RAM addresses of TM1628 are given below in 8 bits unit.
SG1-SG4
SG5-SG8
SG9-SG12
DIG1
DIG2
DIG3
DIG4
DIG5
DIG6
DIG7
b0- b3
b4- b7
Lower 4 bits
Higher 4 bits
Command
Command
Command
Command 4:
4:
4:
4: Display
Display
Display
Display Control
Control
Control
Control Commands
Commands
Commands
Commands
The Display Control Commands are used to turn ON or OFF a display.
It also used to set the pulse width. Please refer to the diagram below. When
the power is turned ON, a 1/16 pulse width is selected and the displayed is
turned OFF (the key scanning is started).
Add:522,5/F,Bldg. No.4,Keji Central Road 2, Software Park,High-Tech Industrial Park,Shenzhen
Tel:86-755-86185092
Web: www.titanmec.com
Fax: 86-755-86185093
5
xxHL
xxHU
00HL
00HU
01HL
02HL
02HU
03HL
04HL
04HU
05HL
06HL
06HU
07HL
08HL
08HU
09HL
0AHL
0AHU
0BHL
0CHL
0CHU
0DHL
1
1
-
-
b3
b2
b1
b0
No Relevant


Podobny numer części - TM1628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Tianwei Electr...
TM1628A TITANMEC-TM1628A Datasheet
692Kb / 18P
   LED drive control dedicated circuit
More results

Podobny opis - TM1628

ProducentNumer częściArkusz danychSzczegółowy opis
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE71 FUJITSU-CE71 Datasheet
56Kb / 4P
   0.25um CMOS Technology
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com