Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ABS2 Arkusz danych(PDF) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

Numer części ABS2
Szczegółowy opis  SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  JUXING [Guangdong Juxing Electronics Technology Co., Ltd.]
Strona internetowa  http://www.trr-jx.com
Logo JUXING - Guangdong Juxing Electronics Technology Co., Ltd.

ABS2 Arkusz danych(HTML) 2 Page - Guangdong Juxing Electronics Technology Co., Ltd.

  ABS2_15 Datasheet HTML 1Page - Guangdong Juxing Electronics Technology Co., Ltd. ABS2_15 Datasheet HTML 2Page - Guangdong Juxing Electronics Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
http://www.trr-jx.com
version: 02
FIG. 4 TYPICAL REVERSE CHARACTERISTICS
0
0.2
0.4
0.6
0.8
1.2
0
306090
120
150
FIG.1 MAXIMUM FORWARD CURRENT DERATING CURVE
10
20
30
40
50
110
100
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half
Sine-Wave
0.01
0.1
1
10
100
0
20
40
60
80
100
120
140
=75
T
=25
T
T =125
A
A
A
1.0
1.4
FIG. 2 TYPICAL FORWARD CHARACTERISTIC
0.1
1
FORWARD VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
1.2
10
PERCENT OF RATED PEAK REVERSE VOLTAGE(%)
EPE
FORWARD SURGE CURRENT
MAXIMUM NON-R
TITIVE
FIG.3
CASE TEMPERATURE( C)
o
Characteristic Curves (T
A=25 ℃ unless otherwise noted)
SURFACE MOUNT BRIDGE RECTIFIERS
ABS2-ABS10


Podobny numer części - ABS2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
ABS2 TSC-ABS2_15 Datasheet
234Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
   Surface Mount Bridge-Rectifier
logo
Diotec Semiconductor
ABS2 DIOTEC-ABS2_15 Datasheet
119Kb / 2P
   Surface Mount Si-Bridge-Rectifiers with 4mm Pitch
More results

Podobny opis - ABS2_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
   Surface Mount Bridge Rectifiers
logo
Bruckewell Technology L...
DF005S BWTECH-DF005S Datasheet
232Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Guangdong Juxing Electr...
RMB2F JUXING-RMB2F Datasheet
670Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
MB05F_GW JUXING-MB05F_GW Datasheet
820Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DBS05 JUXING-DBS05 Datasheet
961Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
DB151S JUXING-DB151S Datasheet
1Mb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
DB101 SECOS-DB101_17 Datasheet
188Kb / 2P
   Surface Mount Bridge Rectifiers
DB1501S SECOS-DB1501S_17 Datasheet
176Kb / 2P
   Surface Mount Bridge Rectifiers
logo
Guangdong Juxing Electr...
MB0405F JUXING-MB0405F Datasheet
970Kb / 2P
   SURFACE MOUNT BRIDGE RECTIFIERS
UMB05F JUXING-UMB05F_17 Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
logo
Microdiode Electronics ...
UMB05F CHENDA-UMB05F Datasheet
1Mb / 3P
   SURFACE MOUNT BRIDGE RECTIFIERS
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com